Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3371 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN3371
Description  Using the hardware real-time clock
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3371 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN3371 Datasheet HTML 26Page - STMicroelectronics AN3371 Datasheet HTML 27Page - STMicroelectronics AN3371 Datasheet HTML 28Page - STMicroelectronics AN3371 Datasheet HTML 29Page - STMicroelectronics AN3371 Datasheet HTML 30Page - STMicroelectronics AN3371 Datasheet HTML 31Page - STMicroelectronics AN3371 Datasheet HTML 32Page - STMicroelectronics AN3371 Datasheet HTML 33Page - STMicroelectronics AN3371 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
Overview of the STM32 advanced RTC
AN3371
30/45
Doc ID 018624 Rev 5
calendar year field is set to 0x00 (power-on reset value), meaning that the calendar must be
initialized.
1.12.3
RTC clock synchronization
When the application reads the calendar, it accesses shadow registers that contain a copy
of the real calendar time and date clocked by the RTC clock (RTCCLK). The RSF bit is set in
the RTC_ISR register each time the calendar time and date shadow registers are updated
with the real calendar value. The copy is performed every two RTCCLK cycles,
synchronized with the system clock (SYSCLK). After a system reset or after exiting the
initialization mode, the application must wait for RSF to be set before reading the calendar
shadow registers.
When the system is woken up from low power modes (SYSCLK was off), the application
must first clear the RSF bit, and then wait until it is set again before reading the calendar
registers. This ensures that the value read by the application is the current calendar value,
and not the value before entering the Low power mode.
By setting the “BYPASHAD” bit to ‘1’ in the RTC_CR register, the calendar values are taken
directly from the calendar counters instead of reading the shadow register. In this case, it is
not mandatory to wait for the synchronization time, but the calendar registers consistency
must be checked by the software. The user must read the required calendar field values.
The read operation must then be performed again. The results of the two read sequences
are then compared. If the results match, the read result is correct. If they do not match, the
fields must be read one more time, and the third read result is valid.
Note:
After resetting the BYPASHAD bit, the shadow registers may be incorrect until the next
synchronization. In this case, the software should clear the “RSF” bit then wait for the
synchronization (“RSF” should be set) and finally read the shadow registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com