Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3371 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3371
Description  Using the hardware real-time clock
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3371 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3371 Datasheet HTML 12Page - STMicroelectronics AN3371 Datasheet HTML 13Page - STMicroelectronics AN3371 Datasheet HTML 14Page - STMicroelectronics AN3371 Datasheet HTML 15Page - STMicroelectronics AN3371 Datasheet HTML 16Page - STMicroelectronics AN3371 Datasheet HTML 17Page - STMicroelectronics AN3371 Datasheet HTML 18Page - STMicroelectronics AN3371 Datasheet HTML 19Page - STMicroelectronics AN3371 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
Overview of the STM32 advanced RTC
AN3371
16/45
Doc ID 018624 Rev 5
Periodic timebase/wakeup configuration for clock configuration 2
Figure 9 shows the prescaler connection to the timebase/wakeup unit and Table 9 gives the
timebase/wakeup clock resolutions corresponding to configuration 2.
Figure 9.
Prescalers connected to the wakeup unit for configurations 2 and 3
When RTCCLK= 32768 Hz, the minimum resolution for configuration 2 is 61.035 µs, and the
maximum resolution is 32s.
As a result:
●
The minimum timebase/wakeup period is (0x0000 + 1) x 61.035 µs = 122.07 µs.
●
The maximum timebase/wakeup period is (0xFFFF+ 1) x 32 s = 131072 s (more than
36 hours).
Periodic timebase/wakeup configuration for clock configuration 3
For this configuration, the resolution is the same as for configuration 2. However, the
timebase/wakeup counter downcounts starting from
0x1FFFF to 0x00000, instead of
0xFFFF to 0x0000 for configuration 2.
When RTCCLK= 32768,
●
The minimum timebase/wakeup period is:
(0x10000 + 1) x 61.035 µs = 250.06 ms
●
The maximum timebase/wakeup period is:
(0x1FFFF+ 1) x 32 s = 4194304 s (more than 48 days).
Table 9.
Timebase/wakeup unit period resolution with clock configuration 2
Clock source
Wakeup period resolution
PREDIV_A[6:0] = div128
PREDIV_S [12:0] = div8192
PREDIV_A[6:0] = div2(1)
PREDIV_S [12:0] = div1
1.
PREDIV_A minimum value is ‘1’ on medium density devices.
LSE = 32 768 Hz
32 s
61.035 µs
MS19530V1
RTC Clock
16-bit wakeup auto-
reload timer
Asynch. 7-bit prescaler
(default=128)
Wakeup
autoreload
timer
(RTC_WUTR)
WUCKSEL[2]
Periodic
wakeup flag
Asynchronous
prescaler
(PREDIV_A)
Synchronous
prescaler
(PREDIV_S)
Synchronous 13-bit
prescaler (default=256)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com