Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3371 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN3371
Description  Using the hardware real-time clock
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3371 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN3371 Datasheet HTML 21Page - STMicroelectronics AN3371 Datasheet HTML 22Page - STMicroelectronics AN3371 Datasheet HTML 23Page - STMicroelectronics AN3371 Datasheet HTML 24Page - STMicroelectronics AN3371 Datasheet HTML 25Page - STMicroelectronics AN3371 Datasheet HTML 26Page - STMicroelectronics AN3371 Datasheet HTML 27Page - STMicroelectronics AN3371 Datasheet HTML 28Page - STMicroelectronics AN3371 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
AN3371
Overview of the STM32 advanced RTC
Doc ID 018624 Rev 5
25/45
1.8.3
Active time-stamp on tamper detection event
By setting the TAMPTS bit to 1, any tamper event (with edge or level detection) causes a
time-stamp to occur. Consequently, the time-stamp flag and time-stamp overflow flag are set
at the moment when the tamper flag is set and work in the same manner as when a normal
time-stamp event occurs.
Note:
It is not necessary to enable or disable the time-stamp function when using this feature.
1.9
Backup registers
RTC_BKPxR, where x=0 to n backup registers (80 bytes), are reset when a tamper
detection event occurs. These registers are powered-on by VBAT when VDD is switched off,
so that they are not reset by a system reset, and their contents remain valid when the device
operates in low-power mode.
Note:
The number “n” of backup registers depends on the product. Please refer to Table 15:
Advanced RTC features.
1.10
RTC and low-power modes
The RTC is designed to minimize the power consumption. The prescalers used for the
calendar are divided into synchronous and asynchronous.
Increasing the value of the asynchronous prescaler reduces the power consumption.
Table 13.
Tamper features (level detection)
What to do
How to do it
Comments
Enable Tamper
Set the TAMP1E bit of
RTC_TAFCR register to 1
Configure Tamper1 filter
count
Configure TAMPFLt bits in
RTC_TAFCR register
Default value is 0.
Configure Tamper1 sampling
frequency
Configure TAMPFREQ bits
in RTC_TAFCR register
Default value is 1Hz
Configure tamper
precharge/discharge
duration
Set/Reset TAMPPUDIS bit
in RTC_TAMPCR register
select Tamper1 active
edge/Level detection
Select with TAMP1TRG bit
in RTC_TAFCR register
Edge or Level is depending on tamper
filter configuration.
Map Tamper1 pin alternate
function
Select with TAMP1INSEL
bit in RTC_TAFCR register
For F2 series devices, the Tamper1 pin
can be either PI8 or PC13.
Detect a Tamper1event by
interrupt
Set the TAMPIE bit in the
RTC_TAFCR register
An interrupt is generated when
tamper detection event occurs.
Detect a Tamper1 event by
polling
Poll on the time-stamp
flag (TAMP1F) in the
RTC_ISR register
To clear the flag, write zero on the
TAMP1F bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com