Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3371 Datasheet(PDF) 42 Page - STMicroelectronics

Part # AN3371
Description  Using the hardware real-time clock
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3371 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button AN3371 Datasheet HTML 37Page - STMicroelectronics AN3371 Datasheet HTML 38Page - STMicroelectronics AN3371 Datasheet HTML 39Page - STMicroelectronics AN3371 Datasheet HTML 40Page - STMicroelectronics AN3371 Datasheet HTML 41Page - STMicroelectronics AN3371 Datasheet HTML 42Page - STMicroelectronics AN3371 Datasheet HTML 43Page - STMicroelectronics AN3371 Datasheet HTML 44Page - STMicroelectronics AN3371 Datasheet HTML 45Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 42 / 45 page
background image
Application examples
AN3371
42/45
Doc ID 018624 Rev 5
Tamper
detection
This example shows how to write/read data to/from RTC backup data
registers and demonstrates the Tamper detection feature. It configures
the RTC_AF1 pin Tamper to be falling edge, and enables the Tamper
interrupt. On applying a low level on the RTC_AF1 pin, the RTC backup
data registers are reset and the Tamper interrupt is generated.
– Tamper (interrupt)
– RTC backup registers
Time Stamp
This example describes how to use the RTC peripheral and the Time
Stamp feature. It configures the RTC_AF1 pin TimeStamp to be falling
edge and enables the TimeStamp detection. On applying a low level on
the RTC_AF1 pin, the calendar is saved in the time-stamp registers
thanks to the timestamp event detection.
– Time-stamp (interrupt)
– Prescalers
– Wakeup (interrupt)
– Hardware calendar
– RTC backup registers
StopWatch
This example illustrates how to use the STM32F4xx new RTC
sub-seconds and Tamper (filter, sampling) features. It simulates
a precise chronometer with 10 record time possibilities stored in
the Backup registers (10 registers for time (second, minutes and
hours) and 10 registers for sub-seconds).
– Time-stamp
(interrupt)
– Tamper (interrupt)
– Hardware calendar
–RTC backup
registers
RTC Timer
This example provides a short description of how to use the
RTC peripherals with Alarm sub-seconds feature to simulate a
timer with a refresh time equal to 250 ms ((1 second/ 8) * 2).
The RTC is configured to generate a sub-second interrupt every
125 ms (8 interrupts per second).
– Hardware calendar
– Alarm sub-second
1.
For Ultra Low Power Medium-density example, Alarm feature is not used.
2.
This example is delivered only with F2/4 - series FW examples.
Table 17.
Example descriptions (continued)
Example
Description
Covered features



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com