Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3371 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN3371
Description  Using the hardware real-time clock
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3371 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN3371 Datasheet HTML 28Page - STMicroelectronics AN3371 Datasheet HTML 29Page - STMicroelectronics AN3371 Datasheet HTML 30Page - STMicroelectronics AN3371 Datasheet HTML 31Page - STMicroelectronics AN3371 Datasheet HTML 32Page - STMicroelectronics AN3371 Datasheet HTML 33Page - STMicroelectronics AN3371 Datasheet HTML 34Page - STMicroelectronics AN3371 Datasheet HTML 35Page - STMicroelectronics AN3371 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
Advanced RTC features
AN3371
32/45
Doc ID 018624 Rev 5
Time
Stamp
Configurable input mapping
X
X
X
X
Time
Hours,
minutes and
seconds
XXX
X
X
X
Sub-seconds
X
X
XX
Date
XXX
X
X
X
Active Time Stamp on
tamper detection event
XXX
X
X
X
RTC
Outputs
AFO_Alar
m
Alarm event
XXX
X
X
X
Wakeup event
X
X
X
X
X
X
AFO_Calib
512 Hz
X
X
X
X
X
X
1 Hz
X
X
XX
RTC
Calibration
Coarse Calibration
X
XX
X
Smooth Calibration
X
X
XX
Synchronizing the RTC
X
X
XX
Reference clock, detection
X
X
X
X
X
X
Backup
registers
Powered-on Vbat
X
X
X
X
Reset on a tamper
detection
XXX
X
X
X
Reset when Flash readout
protection is disabled
XX
X
X
RTC clock source
configuration register
RCC_BDC
R
RCC_BDC
R
RCC_BDC
R
RCC_CS
R
RCC_BDC
R
RTC_CS
R
Number of backup registers
5
20
20
20
20
32
Table 15.
Advanced RTC features (continued)
RTC features
F0 series
F3 series
F2 series
ULPM
density
F4 series
ULPH
density



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com