Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3371 Datasheet(PDF) 38 Page - STMicroelectronics

Part # AN3371
Description  Using the hardware real-time clock
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3371 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button AN3371 Datasheet HTML 34Page - STMicroelectronics AN3371 Datasheet HTML 35Page - STMicroelectronics AN3371 Datasheet HTML 36Page - STMicroelectronics AN3371 Datasheet HTML 37Page - STMicroelectronics AN3371 Datasheet HTML 38Page - STMicroelectronics AN3371 Datasheet HTML 39Page - STMicroelectronics AN3371 Datasheet HTML 40Page - STMicroelectronics AN3371 Datasheet HTML 41Page - STMicroelectronics AN3371 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 45 page
background image
RTC firmware driver API
AN3371
38/45
Doc ID 018624 Rev 5
4
RTC alarms functions
RTC_SetAlarm
Sets the RTC specified alarm
configuration:
“Alarm time fields, Alarm masks,
Alarm date/Weekday selection,
Alarm Date/Weekday value”.
Yes
Yes
Yes
Yes
Yes
Yes
RTC_GetAlarm
Gets the RTC specified alarm
configuration.
Yes
Yes
Yes
Yes
Yes
Yes
RTC_AlarmCmd
Enables or disables the RTC
specified alarm.
Yes
Yes
Yes
Yes
Yes
Yes
RTC_AlarmStructInit
Fills each RTC_AlarmStruct
member with its default value (Time
= 00h:00mn:00sec / Date = 1st day
of the month/Mask = all fields are
masked).
Yes
Yes
Yes
Yes
Yes
Yes
RTC_AlarmSubSecond
Config
Configure the RTC alarm A/B sub-
seconds value and mask.
Yes
Yes
Yes
Yes
RTC_GetAlarmSubSeco
nd
Gets the RTC alarm sub-seconds
value.
Yes
Yes
Yes
Yes
5
RTC wakeup timer functions
RTC_WakeUpClockCon
fig
Configures the RTC wakeup clock
source.
Yes
Yes
Yes
Yes
Yes
Yes
RTC_SetWakeUpCount
er
Sets the RTC wakeup counter
value.
Yes
Yes
Yes
Yes
Yes
Yes
RTC_GetWakeUpCount
er
Returns the RTC wakeup timer
counter value.
Yes
Yes
Yes
Yes
Yes
Yes
RTC_WakeUpCmd
Enables or disables the RTC
wakeup timer.
Yes
Yes
Yes
Yes
Yes
Yes
6
RTC daylight saving functions
RTC_DayLightSavingCo
nfig
Adds or subtracts one hour to/from
the current time depending on the
daylight saving parameter.
Yes
Yes
Yes
Yes
Yes
Yes
RTC_GetStoreOperatio
n
Returns the daylight saving stored
operation.
Yes
Yes
Yes
Yes
Yes
Yes
7
RTC output pin configuration function
RTC_OutputConfig
Configures the RTC output for the
output pinout (RTC_ALARM pin)
Yes
Yes
Yes
Yes
Yes
Yes
Table 16.
RTC function groups (continued)
Group
ID
Function name
Description
ULPM
density
ULPH
density
F0
series
F2
series
F3
series
F4
series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com