Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3371 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3371
Description  Using the hardware real-time clock
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3371 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3371 Datasheet HTML 16Page - STMicroelectronics AN3371 Datasheet HTML 17Page - STMicroelectronics AN3371 Datasheet HTML 18Page - STMicroelectronics AN3371 Datasheet HTML 19Page - STMicroelectronics AN3371 Datasheet HTML 20Page - STMicroelectronics AN3371 Datasheet HTML 21Page - STMicroelectronics AN3371 Datasheet HTML 22Page - STMicroelectronics AN3371 Datasheet HTML 23Page - STMicroelectronics AN3371 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
Overview of the STM32 advanced RTC
AN3371
20/45
Doc ID 018624 Rev 5
1.6
RTC reference clock detection
The reference clock (at 50 Hz or 60 Hz) should have a higher precision than the 32.768 kHz
LSE clock. This is why the RTC provides a reference clock input (RTC_50Hz pin) that can
be used to compensate the imprecision of the calendar frequency (1 Hz).
The RTC_50Hz pin should be configured in input floating mode.
This mechanism enables the calendar to be as precise as the reference clock.
The reference clock detection is enabled by setting REFCKON bit of the RTC_CR register.
When the reference clock detection is enabled, PREDIV_A and PREDIV_S must be set to
their default values: PREDIV_A = 0x007F and PREVID_S = 0x00FF.
When the reference clock detection is enabled, each 1 Hz clock edge is compared to the
nearest reference clock edge (if one is found within a given time window). In most cases, the
two clock edges are properly aligned. When the 1 Hz clock becomes misaligned due to the
imprecision of the LSE clock, the RTC shifts the 1 Hz clock a bit so that future 1 Hz clock
edges are aligned. The update window is 3 ck_calib periods (ck_calib is the output of the
coarse calibration block).
If the reference clock halts, the calendar is updated continuously based solely on the LSE
clock. The RTC then waits for the reference clock using a detection window centered on the
Synchronous Prescaler output clock (ck_spre) edge. The detection window is 7 ck_calib
periods.
The reference clock can have a large local deviation (for instance in the range of 500 ppm),
but in the long term it must be much more precise than 32 kHz quartz.
The detection system is used only when the reference clock needs to be detected back after
a loss. As the detection window is a bit larger than the reference clock period, this detection
system brings an uncertainty of 1 ck_ref period (20 ms for a 50 Hz reference clock) because
we can have 2 ck_ref edges in the detection window. Then the update window is used,
which brings no error as it is smaller than the reference clock period.
We assume that ck_ref is not lost more than once a day. So the total uncertainty per month
would be 20 ms *1* 30 = 0.6 s, which is much less than the uncertainty of a typical quartz
(1.53 minute per month for 35 ppm quartz).
Figure 13. RTC reference clock detection
Note:
The reference clock calibration and the coarse calibration cannot be used together.
The reference clock calibration is the best (ensures a high calibrated time) if the 50 Hz is
always available. If the 50 Hz input is lost, the LSE can be used.
The reference clock detection cannot be used in Vbat mode.
The reference clock calibration can only be used if you provide a precise 50 or 60 Hz input.
MS19545V1
CK_Spre
Calendar
Shadow registers
(RTC_TR
RTC_DR)
Autodetection
of 50 or 60 Hz
Voltage
adaptor 220V
to 5V or 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com