Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3371 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN3371
Description  Using the hardware real-time clock
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3371 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN3371 Datasheet HTML 20Page - STMicroelectronics AN3371 Datasheet HTML 21Page - STMicroelectronics AN3371 Datasheet HTML 22Page - STMicroelectronics AN3371 Datasheet HTML 23Page - STMicroelectronics AN3371 Datasheet HTML 24Page - STMicroelectronics AN3371 Datasheet HTML 25Page - STMicroelectronics AN3371 Datasheet HTML 26Page - STMicroelectronics AN3371 Datasheet HTML 27Page - STMicroelectronics AN3371 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
Overview of the STM32 advanced RTC
AN3371
24/45
Doc ID 018624 Rev 5
Figure 16. Tamper with level detection
Using the level detection (tamper filter set to a non-zero value), the tamper input pin can be
precharged by resetting TAMPUDIS through an internal resistance before sampling its state.
In order to support the different capacitance values, the length of the pulse during which the
internal pullup is applied can be 1, 2, 4 or 8 RTCCLK cycles.
Figure 17. Tamper sampling with precharge pulse
Note:
When the internal pullup is not applied, the I/Os Schmitt triggers are disabled in order to
avoid extra consumption if the tamper switch is open.
The trade-off between the tamper detection latency (using the precharge feature) and the
power consumption through the weak pullup/pulldown can be reduced by using a tamper
sampling frequency feature.
The tamper sampling frequency is determined by configuring the TAMPFREQ bits in the
RTC_TAMP register.
Note:
When using the LSE (32768 Hz) as the RTC clock source, the sampling frequency can be 1,
2, 4, 8, 16, 32, 64, or 128 Hz.
MS30114V1
RTC_TAMP1
RTC_TAMPx
STM32
Level detection
Tamper 1
switch
Tamper x
switch
X
X
C1
Cx
MS30115V1
Start sampling
Precharge = 1RTCCLK
Precharge = 2RTCCLK
Precharge =4RTCCLK
RTC clock
Floating input
Switch opened



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com