Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3371 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN3371
Description  Using the hardware real-time clock
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3371 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN3371 Datasheet HTML 14Page - STMicroelectronics AN3371 Datasheet HTML 15Page - STMicroelectronics AN3371 Datasheet HTML 16Page - STMicroelectronics AN3371 Datasheet HTML 17Page - STMicroelectronics AN3371 Datasheet HTML 18Page - STMicroelectronics AN3371 Datasheet HTML 19Page - STMicroelectronics AN3371 Datasheet HTML 20Page - STMicroelectronics AN3371 Datasheet HTML 21Page - STMicroelectronics AN3371 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
Overview of the STM32 advanced RTC
AN3371
18/45
Doc ID 018624 Rev 5
Consequently, the coarse calibration is not adequate for a dynamic calibration (such as the
compensation of the quartz variations due to external temperature changes).
The reference clock calibration and the coarse calibration cannot be used together.
Caution:
Digital coarse calibration may not work correctly if PREDIV_A < 6.
1.4.2
RTC smooth calibration
The RTC clock frequency can be corrected using a series of small adjustments by adding or
subtracting individual RTCCLK pulses.The RTC clock can be calibrated with a resolution of
about 0.954 ppm with a range from -487.1 ppm to +488.5 ppm.
This digital smooth calibration is designed to compensate for the inaccuracy of crystal
oscillators due to temperature, crystal aging.
Figure 11. Smooth calibration block
You can compute the clock deviation using AFO_CALIB, then update the calibration block. It
is possible to check the calibration result using calibration output 512 Hz or 1 Hz for the
AFO_CALIB signal, depending on the products. Refer to Table 15: Advanced RTC features.
Smooth calibration consists of masking and adding N (configurable) 32 kHz pulses that are
well distributed in a configurable window (8 s, 16 s or 32 s).
The number of masked or added pulses is defined using CALP and CALM in the
RTC_CALR register.
By default, the calibration window is 32 seconds. It can be reduced to 8 or 16 seconds by
setting the CALW8 bit or the CALW16 bit in the RTC_CALR register:
Example 1: Setting CALM[0] to 1, CALP=0 and using 32 seconds as a calibration window
results in exactly one pulse being masked for 32 seconds.
Example 2: Setting CALM[2] to 1, CALP=0 and using 32 seconds as a calibration window
results in exactly 4 pulses being masked for 32 seconds.
Note:
Both CALM and CALP can be used and, in this case, an offset ranging from -511 to +512
pulses can be added for 32 seconds (calibration window).
When the asynchronous prescaler is less than 3, CALP cannot be set to 1.
The formula to calculate the effective calibrated frequency (FCAL), given the input frequency
(FRTCCLK), is:
FCAL = FRTCCLK x [ 1 + (CALP x 512 - CALM) / (2
20 + CALM - CALP x 512) ].
MS30112V1
RTC
Clock
Asynch. 7-bit prescaler
(default=128)
Asynchronous
prescaler
Synchronous
prescaler
Synchronous 15-bit
prescaler (default=256)
Shadow registers
(RTC_TR, RTC_DR)
Calendar
512 Hz
AFO_CALIB
Ck_Spre



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com