Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3371 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AN3371
Description  Using the hardware real-time clock
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3371 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AN3371 Datasheet HTML 35Page - STMicroelectronics AN3371 Datasheet HTML 36Page - STMicroelectronics AN3371 Datasheet HTML 37Page - STMicroelectronics AN3371 Datasheet HTML 38Page - STMicroelectronics AN3371 Datasheet HTML 39Page - STMicroelectronics AN3371 Datasheet HTML 40Page - STMicroelectronics AN3371 Datasheet HTML 41Page - STMicroelectronics AN3371 Datasheet HTML 42Page - STMicroelectronics AN3371 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
AN3371
RTC firmware driver API
Doc ID 018624 Rev 5
39/45
8
RTC digital coarse calibration functions
RTC_DigitalCalibConfig
Configures the coarse calibration
settings.
Yes
Yes
Yes
Yes
RTC_DigitalCalibCmd
Enables or disables the digital
calibration process.
Yes
Yes
Yes
Yes
RTC_CalibOutputCmd
Enables or disables the connection
of the RTCCLK/PREDIV_A[6:0]
clock to be output through the
relative pinout (RTC_CALIB pin).
Yes
Yes
Yes
Yes
Yes
Yes
RTC_CalibOutputConfig
Configure the calibration pinout
(RTC_CALIB) Selection (1 Hz or
512 Hz).
Yes
Yes
Yes
Yes
RTC_SmoothCalibConfi
g
Configures the smooth calibration
settings.
Yes
Yes
Yes
Yes
9
RTC timestamp functions
RTC_TimeStampCmd
Enables or disables the RTC Time-
stamp functionality with the
specified time-stamp pin
stimulating edge.
Yes
Yes
Yes
Yes
Yes
Yes
RTC_GetTimeStamp
Get the RTC time-stamp value and
masks.
Yes
Yes
Yes
Yes
Yes
Yes
RTC_GetTimeStampSu
bSecond
Get the RTC time-stamp sub-
seconds value.
Yes
Yes
Yes
Yes
10
RTC tamper functions
RTC_TamperTriggerCon
fig
Configures the tamper edge trigger.
Yes
Yes
Yes
Yes
Yes
Yes
RTC_TamperCmd
Enables or disables the tamper
detection.
Yes
Yes
Yes
Yes
Yes
Yes
RTC_TamperFilterConfi
g
RTC_TamperPullUpCmd.
Yes
Yes
Yes
Yes
RTC_TamperSamplingF
reqConfig
Configures the tamper sampling
frequency.
Yes
Yes
Yes
Yes
RTC_TamperPinsPrech
argeDuration
Configures the tamper pins input
precharge duration.
Yes
Yes
Yes
Yes
RTC_TimeStampOnTa
mperDetectionCmd
Enables or disables the precharge
of tamper pin.
Yes
Yes
Yes
Yes
RTC_TamperPullUpCm
d
Enables or disables the time-stamp
on Tamper detection event.
Yes
Yes
Yes
Yes
Table 16.
RTC function groups (continued)
Group
ID
Function name
Description
ULPM
density
ULPH
density
F0
series
F2
series
F3
series
F4
series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com