Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3571 Datasheet(PDF) 8 Page - Linear Technology

Part # LT3571
Description  75V DC/DC Converter for APD Bias
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3571 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3571 Datasheet HTML 4Page - Linear Technology LT3571 Datasheet HTML 5Page - Linear Technology LT3571 Datasheet HTML 6Page - Linear Technology LT3571 Datasheet HTML 7Page - Linear Technology LT3571 Datasheet HTML 8Page - Linear Technology LT3571 Datasheet HTML 9Page - Linear Technology LT3571 Datasheet HTML 10Page - Linear Technology LT3571 Datasheet HTML 11Page - Linear Technology LT3571 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LT3571
8
3571fa
The LT3571 boost converter uses a constant-frequency
current mode control scheme to provide excellent line
and load regulation. Operation can be best understood
by referring to the Block Diagram in Figure 1. At the
start of each oscillator cycle, the SR latch is set, which
turns on the Q1 power switch. A voltage proportional to
the switch current is added to a stabilizing ramp and the
resulting sum is fed into the positive terminal of the PWM
comparator, A4. When this voltage exceeds the level at
the negative input of A4, the SR latch is reset, turning
off the power switch. The level at the negative input of
A4 is set by the error amplifier A3. A3 has two inputs,
one from the voltage feedback loop and the other one
from the current loop. Whichever feedback input is lower
takes precedence and forces the converter into either
constant-current or constant-voltage mode. The LT3571 is
designed to transition cleanly between these two modes of
operation. The current sense amplifier senses the voltage
across RSENSE and provides a pre-gain to amplifier A1.
The output of A1 is simply an amplified version of the
difference between the voltage across RSENSE and 200mV.
In this manner, the error amplifier sets the correct peak
switch current level to regulate through RSENSE. The FB
voltage loop is implemented by the amplifier A2. When
the voltage loop dominates, the error amplifier regulates
the FB pin to the lower of 1V, or externally provided CTRL
voltage (constant-voltage mode), and sets the correct peak
current level to keep the output in regulation.
The LT3571 has an integrated high side APD current monitor
with a 5:1 ratio. The voltage drop across the MONIN pin and
APD pin is fixed at 5V. The MONIN pin can accept a supply
voltage up to 75V, which is suitable for APD photodiode
applications. The MON pin has an open-circuit protection
feature and is internally clamped to 11.5V.
If an APD is tied to the APD pin, the current will be mir-
rored to the MON pin and converted to a voltage signal
by the resistor R4. This voltage signal can be used to
drive an external control block to adjust the APD voltage
by adjusting the feedback threshold of EAMP A2 through
the CTRL input.
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com