Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3571 Datasheet(PDF) 6 Page - Linear Technology

Part # LT3571
Description  75V DC/DC Converter for APD Bias
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3571 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3571 Datasheet HTML 2Page - Linear Technology LT3571 Datasheet HTML 3Page - Linear Technology LT3571 Datasheet HTML 4Page - Linear Technology LT3571 Datasheet HTML 5Page - Linear Technology LT3571 Datasheet HTML 6Page - Linear Technology LT3571 Datasheet HTML 7Page - Linear Technology LT3571 Datasheet HTML 8Page - Linear Technology LT3571 Datasheet HTML 9Page - Linear Technology LT3571 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT3571
6
3571fa
PIN FUNCTIONS
NC (Pin 1): No Connect.
APD (Pin 2): APD Cathode Pin. Connect APD cathode to
this pin.
MONIN (Pin 3): Current Monitor Power Supply Pin. An
external lowpass filter can be included here to further
reduce supply voltage ripple. This pin also serves as the
inverting input of the current sense amplifier. Put a sense
resistor between the MONIN pin and the VOUT pin to set
the boost converter output current limit as 200mV/RSENSE.
Connect the MONIN pin directly to the VOUT pin if the
output current limit function is not used.
VOUT (Pin 4): Boost Output Pin. Put a capacitor between
this pin and GND plane. Minimize the length of the trace
to the capacitor. Also serves as the noninverting input of
the current sense amplifier.
SW (Pin 5, 6): Switch Pin. Minimize the trace length on
this pin to reduce EMI.
GND (Pin 7, 10): Ground. Pins connected internally. For
best performance, connect both pins to board ground.
SYNC (Pin 8): Frequency Synchronization Pin. Connect an
external clock signal here. RT resistor should be chosen
to program a switching frequency 20% slower than the
SYNC pulse frequency. Synchronization (switch turn-on)
occurs a fixed delay after the rising edge of SYNC. Tie the
SYNC pin to ground if this feature is not used.
RT (Pin 9): Switching Frequency Pin. Set switching fre-
quency using a resistor to GND (see Typical Performance
Characteristics for values). For SYNC function, choose
the resistor to program a frequency 20% slower than the
SYNC pulse frequency. Do not leave this pin open.
VIN (Pin 11): Input Supply Pin. This pin must be locally
bypassed.
SHDN (Pin 12): Shutdown Pin. Tie to 1.5V or higher to
enable device; 0.4V or less to disable device. Also functions
as soft-start. Use RC filter as shown in Figure 1.
VREF (Pin 13): Reference Output Pin. This pin can supply
up to 100μA. Do not over drive this pin. Bypass with a
10nF or larger capacitor.
CTRL (Pin 14): Internal Reference Override Pin. The CTRL
pin allows the FB voltage to be externally adjusted between
0V and 1V to adjust the output voltage. Tie this pin higher
than 1.2V to use the internal reference of 1V.
FB (Pin 15): Feedback Pin. Connect to output resistor
divider tap.
MON (Pin 16): Current Monitor Output Pin. Sources a
current equal to 20% of the APD current and converts to
a reference voltage through an external resistor.
Exposed Pad (Pin 17): Ground. The Exposed Pad must
be soldered to the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com