Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3571 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3571
Description  75V DC/DC Converter for APD Bias
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3571 Datasheet(HTML) 3 Page - Linear Technology

  LT3571 Datasheet HTML 1Page - Linear Technology LT3571 Datasheet HTML 2Page - Linear Technology LT3571 Datasheet HTML 3Page - Linear Technology LT3571 Datasheet HTML 4Page - Linear Technology LT3571 Datasheet HTML 5Page - Linear Technology LT3571 Datasheet HTML 6Page - Linear Technology LT3571 Datasheet HTML 7Page - Linear Technology LT3571 Datasheet HTML 8Page - Linear Technology LT3571 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT3571
3
3571fa
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VIN = 3V, VSHDN = 3V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Switching Frequency
RT = 12.1k
RT = 4.22k
RT = 56.2k
l
0.85
1.7
210
1
2
250
1.15
2.3
280
MHz
MHz
kHz
Maximum Duty Cycle
RT = 56.2k (250kHz)
SYNC = 300kHz Clock Signal, RT = 56.2k
RT = 12.1k (1MHz)
RT = 4.22k (2MHz)
l
95
92
85
75
97
96
90
80
%
%
%
%
Switch Current Limit
370
470
570
mA
Switch VCESAT
ISW = 200mA
240
mV
Switch Leakage Current
VSW = 75V
2
μA
Schottky Forward Voltage
ISCHOTTKY = 200mA
850
mV
Schottky Reverse Leakage
VOUT – VSW = 75V
5
μA
SHDN Voltage High
1.5
V
SHDN Voltage Low
0.4
V
SHDN Pin Bias Current
50
65
μA
CTRL to FB Offset
VCTRL = 0.5V
l
–5
–10
5
5
15
20
mV
mV
CTRL Input Bias Current
Current Out of Pin, VCTRL = 0.5V
20
100
nA
APD Current Monitor Gain
250nA ≤ IAPD < 10μA, 10V < VMONIN < 75V
10μA ≤ IAPD ≤ 2.5mA, 20V < VMONIN < 75V
l
l
0.185
0.194
0.20
0.20
0.215
0.206
Monitor Output Voltage Clamp
11.5
V
APD Monitor Voltage Drop
VMONIN – VAPD, IAPD = 1mA
l
4.8
5
5.2
V
MONIN Pin Current Limit
VMONIN = 40V, VAPD = 0V
30
mA
Note 2: The LT3571E is guaranteed to meet specified performance from
0°C to 125°C junction temperature. Specifications over the –40°C to
125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LT3571I is guaranteed to meet performance specifications over the –40°C
to 125°C operating junction temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com