Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3571 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3571
Description  75V DC/DC Converter for APD Bias
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3571 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3571 Datasheet HTML 8Page - Linear Technology LT3571 Datasheet HTML 9Page - Linear Technology LT3571 Datasheet HTML 10Page - Linear Technology LT3571 Datasheet HTML 11Page - Linear Technology LT3571 Datasheet HTML 12Page - Linear Technology LT3571 Datasheet HTML 13Page - Linear Technology LT3571 Datasheet HTML 14Page - Linear Technology LT3571 Datasheet HTML 15Page - Linear Technology LT3571 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LT3571
13
3571fa
TYPICAL APPLICATIONS
C1
1μF
C5
47nF
MONIN
VREF
RT
SHDN
CTRL
GND
MON
VOUT
FB
VIN
SW
LT3571
SYNC
APD
VIN
5V
R2
13.7k
R4
49.9Ω
R3
10k
R5
20k
69V, 2mA
C5
10nF
RSENSE
20Ω
3571 TA03a
C4
0.1μF
C3
10nF
RT
33.2k
400kHz
L: TDK VLF4012AT-220MR51
C1: TDK X7R C1608X7R1C105KT
C2: MURATA X7R GRM21AR72A224KAC5L
C3: AVX X7R 06031C103K
C4: MURATA X7R GRM188R72A104KA35
C5: MURATA X7R GRM155R7H103K
C6: MURATA X7R GCM155R471C473K
74V
C2
0.22μF
L1
22μH
R1
1M
EXTERNAL
CONTROL BLOCK
5V to 69V APD Bias Supply with Soft-Start
ADP CURRENT (mA)
0
500
50
450
350
250
150
400
300
200
100
0
1
3571 TA03c
2
1.5
0.5
IAPD = 1mA
2μs/DIV
3571 TA03b
2mV/DIV
APD Bias Ripple
Input Power vs APD Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com