Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3571 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3571
Description  75V DC/DC Converter for APD Bias
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3571 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3571 Datasheet HTML 5Page - Linear Technology LT3571 Datasheet HTML 6Page - Linear Technology LT3571 Datasheet HTML 7Page - Linear Technology LT3571 Datasheet HTML 8Page - Linear Technology LT3571 Datasheet HTML 9Page - Linear Technology LT3571 Datasheet HTML 10Page - Linear Technology LT3571 Datasheet HTML 11Page - Linear Technology LT3571 Datasheet HTML 12Page - Linear Technology LT3571 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT3571
9
3571fa
Switching Frequency
There are two methods to set the switching frequency of the
LT3571. Both methods require a resistor connected at the
RT pin. Do not leave the RT pin open. Also, do not load this
pin with a capacitor. A resistor must always be connected
for proper operation. One way to set the frequency is simply
connecting an external resistor between the RT pin and
GND. See Table 1 or the Oscillator Frequency vs RT graph
in the Typical Performance Characteristics for resistor
values and corresponding switching frequencies. The other
way is to make the LT3571 synchronize with an external
clock via the SYNC pin. For proper operation, a resistor
should be connected at the RT pin and able to generate
a switching frequency 20% lower than the external clock
when the external clock is absent.
Table 1. Switching Frequency vs RT
Switching Frequency (kHz)
RT (k)
250
56.2
500
26.1
1000
12.1
1500
6.81
2000
4.22
2500
2.67
Inrush Current
The LT3571 has a built-in Schottky diode for the boost
converter. When supply voltage is applied to the VINpin,the
voltage difference between VIN and VOUT generates inrush
current flowing from input through the inductor and the
Schottky diode (D1 in the Block Diagram), to charge the
output capacitor. The selection of inductor and capacitor
value should ensure the peak of the inrush current to below
1A. In addition, the LT3571 turn-on should be delayed until
the inrush current is less than the maximum current limit.
The peak inrush current can be estimated as follows:
IP =
VIN – 0.9
L
C
–1
• exp –
π
2 L
C
–1
⎛
⎝
⎜
⎜
⎜
⎞
⎠
⎟
⎟
⎟
where L is the inductance, and C is the output capacitance.
Table 2 gives inrush peak currents for some component
selections.
Table 2. Inrush Peak Current
VIN (V)
L (μH)
C (μF)
IP (A)
5
10
1
0.81
5
22
1
0.63
Setting Output Voltage
The LT3571 is equipped with both an internal 1V reference
and an auxiliary reference input (the CTRL pin). This
feature allows users to select between using the built-in
reference and supplying an external reference voltage.
The voltage at the CTRL pin can be adjusted while the
chip is operating, to alter the output voltage of LT3571
for purposes such as APD’s bias voltage adjustment. To
use the internal 1V reference, the CTRL pin should be held
higher than 1.2V, which can be done by tying it to VREF.
When the CTRL pin is between 0V and 1V, the LT3571 will
regulate the output such that the FB pin voltage is equal
to the CTRL pin voltage. To set the output voltage, select
the values of R1 and R2 (see Figure 2) according to the
following equation:
R1 = R2
VMONIN
V1
–1
⎛
⎝⎜
⎞
⎠⎟
where V1 = 1V if the internal reference is used, or V1 =
CTRL if CTRL is between 0V and 1V. R2 can be selected to
load the output to maintain a constant switching frequency
when the APD load is very low. Preventing entry into
pulse-skipping mode is an important consideration for
post filtering the regulator output.
Figure 2. Output Voltage Feedback Connection
APPLICATIONS INFORMATION
MONIN
CTRL
R1
3
15
14
3571 F02
FB
LT3571
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com