Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3571 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3571
Description  75V DC/DC Converter for APD Bias
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3571 Datasheet(HTML) 4 Page - Linear Technology

  LT3571 Datasheet HTML 1Page - Linear Technology LT3571 Datasheet HTML 2Page - Linear Technology LT3571 Datasheet HTML 3Page - Linear Technology LT3571 Datasheet HTML 4Page - Linear Technology LT3571 Datasheet HTML 5Page - Linear Technology LT3571 Datasheet HTML 6Page - Linear Technology LT3571 Datasheet HTML 7Page - Linear Technology LT3571 Datasheet HTML 8Page - Linear Technology LT3571 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LT3571
4
3571fa
TYPICAL PERFORMANCE CHARACTERISTICS
Schottky Forward Drop
Oscillator Frequency vs RT
Oscillator Frequency
vs Temperature
FB Pin Voltage vs Temperature
VREF Voltage vs Temperature
VOUT – VMONIN Threshold vs VOUT
Switch Current Limit
vs Duty Cycle
Switch Current Limit
vs Temperature
Switch Saturation Voltage
(VCESAT)
TA = 25°C, unless otherwise specified.
DUTY CYCLE (%)
0
40
80
20
60
100
3571 G01
250
300
350
400
450
500
TEMPERATURE (°C)
–50
0
50
75
–25
25
100
125
3571 G02
250
300
350
400
450
500
ISW (mA)
3571 G03
0
100
200
300
400
500
0
350
100
200
50
150
250 300
400
SCHOTTKY FORWARD CURRENT (mA)
3571 G04
0
350
100
200
50
150
250 300
400
800
850
900
750
700
650
600
950
TEMPERATURE (°C)
–50
0
50
75
–25
25
100
125
3571 G06
900
950
1000
1050
1100
RT = 12.1k
TEMPERATURE (°C)
–50
0
50
75
–25
25
100
125
3571 G07
0.98
0.99
1.00
1.01
1.02
TEMPERATURE (°C)
–50
0
50
75
–25
25
100
125
3571 G08
1.210
1.215
1.220
1.225
1.230
1.235
VOUT (V)
10
30
40
50
20
60
80
70
3571 G09
195
197
199
201
203
205
RT (kΩ)
0
100
1000
10000
10
60
20
30
40
3571 G05
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com