Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3571 Datasheet(PDF) 14 Page - Linear Technology

Part # LT3571
Description  75V DC/DC Converter for APD Bias
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3571 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT3571 Datasheet HTML 8Page - Linear Technology LT3571 Datasheet HTML 9Page - Linear Technology LT3571 Datasheet HTML 10Page - Linear Technology LT3571 Datasheet HTML 11Page - Linear Technology LT3571 Datasheet HTML 12Page - Linear Technology LT3571 Datasheet HTML 13Page - Linear Technology LT3571 Datasheet HTML 14Page - Linear Technology LT3571 Datasheet HTML 15Page - Linear Technology LT3571 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LT3571
14
3571fa
TYPICAL APPLICATIONS
C1
1μF
MONIN
VREF
RT
SHDN
CTRL
GND
SYNC
VOUT
FB
VIN
SW
LT3571
MON
APD
OFF ON
VIN
5V
R2
15k
R4
49.9Ω
50V
RT
33.2k
400kHz
RSENSE
50Ω
3571 TA04a
C4
0.1μF
C3
10nF
R3
10k
C5
10nF
Q1
L1: TDK VLF4012AT – 150MR63
C1: TDK X7R C1608X7R1C105KT
C2: MURATA X7R GRM21AR72A224KAC5L
C3: AVX X7R 06031C103K
C4: MURATA X7R GRM188R72A104KA35
C5: MURATA X7R GRM155R71H103K
C6: MURATA X7R GRM155R71A104KA01D
55V
C2
0.22μF
L1
15μH
R1
1M
R7
49.9k
R5
30.1k
R6
100k
R9
20k
C6
0.1μF
R8
36.5k
Q2
TEMPERATURE
COMPENSATION BLOCK
Q1, Q2 = PHILIPS PEMT1
5V to 50V APD Bias Power Supply with Temperature Compensation
APD CURRENT (mA)
0
350
50
300
250
150
100
200
0
1
1.5
3571 TA04b
2
0.5
TEMPERATURE (°C)
–50
60
42
58
54
50
46
56
52
48
44
0
75
25
3571 TA04c
125
50
0
100
–25
Input Power vs APD Current
Temperature Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com