Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3571 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3571
Description  75V DC/DC Converter for APD Bias
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3571 Datasheet(HTML) 5 Page - Linear Technology

  LT3571 Datasheet HTML 1Page - Linear Technology LT3571 Datasheet HTML 2Page - Linear Technology LT3571 Datasheet HTML 3Page - Linear Technology LT3571 Datasheet HTML 4Page - Linear Technology LT3571 Datasheet HTML 5Page - Linear Technology LT3571 Datasheet HTML 6Page - Linear Technology LT3571 Datasheet HTML 7Page - Linear Technology LT3571 Datasheet HTML 8Page - Linear Technology LT3571 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT3571
5
3571fa
TYPICAL PERFORMANCE CHARACTERISTICS
Current Monitor Accuracy
vs Temperature
VMONIN - VAPD vs APD Current
VMONIN – VAPD vs Temperature
VOUT – VMONIN Threshold
vs Temperature
Current Monitor Output vs VMONIN
Current Monitor Accuracy
TA = 25°C, unless otherwise specified.
TEMPERATURE (°C)
–50
0
50
75
–25
25
100
125
3571 G10
194
196
198
200
202
206
204
VMONIN = 50V
VMONIN (V)
10
18
20
20
30
50
40
60
70
22
19
21
80
3571 G11
IAPD = 100μA
INPUT CURRENT (μA)
0.1
–4
–2
0
2
1
10
1000
100
4
–3
–1
1
3
10000
3571 G12
VMONIN = 75V
TEMPERATURE (°C)
–50
–6
–5
–3
–2
–1
2
1
0
50
75
–4
0
–25
25
100
125
3571 G13
VMONIN = 75V
250nA
10μA
2.5mA
APD CURRENT (μA)
0.1
4.80
4.85
4.90
4.95
5.10
5.05
5.00
10
1000
3571 G14
VMONIN = 75V
TEMPERATURE (°C)
– 50
125
100
75
50
25
0
–25
4.9
4.95
5
5.1
5.05
3571 G15
VMONIN = 75V
IAPD = 1mA
FB vs CTRL
CTRL (V)
0
1.2
1
0.8
0.6
0.4
0.2
0
0.2
0.4
0.6
0.8
1
1.2
3571 G16
50ns/DIV
INPUT
RESPONSE
3571 G18
IAPD = 1mA
TFD < 100ns
IAPD = 10μA
Current Monitor Transient
Response (Falling Edge)
Current Monitor Transient
Response (Rising Edge)
50ns/DIV
INPUT
RESPONSE
3571 G17
IAPD = 10μA
TRD < 100ns
IAPD = 1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com