Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3571 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3571
Description  75V DC/DC Converter for APD Bias
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3571 Datasheet(HTML) 1 Page - Linear Technology

  LT3571 Datasheet HTML 1Page - Linear Technology LT3571 Datasheet HTML 2Page - Linear Technology LT3571 Datasheet HTML 3Page - Linear Technology LT3571 Datasheet HTML 4Page - Linear Technology LT3571 Datasheet HTML 5Page - Linear Technology LT3571 Datasheet HTML 6Page - Linear Technology LT3571 Datasheet HTML 7Page - Linear Technology LT3571 Datasheet HTML 8Page - Linear Technology LT3571 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT3571
1
3571fa
TYPICAL APPLICATION
DESCRIPTION
75V DC/DC Converter
for APD Bias
The LT®3571 is a current mode step-up DC/DC converter
designed to bias avalanche photodiodes (APDs) in optical
receivers with an output voltage up to 75V. The LT3571
features a high side fixed voltage drop APD current moni-
tor with better than 10% relative accuracy over the entire
temperature range. The integrated power switch, Schottky
diode and APD current monitor allow a small solution
footprint and low solution cost. It combines a traditional
voltage loop and a unique current loop to operate as
a constant-current source or constant-voltage source.
The inductor-based topology ensures an input free from
switching noise. The integrated high side current monitor
produces a current proportional to the APD current with
better than 10% relative accuracy over four decades of
dynamic range in the input range of 250nA to 2.5mA. This
current can be used as a reference to provide a digitally
programmed output voltage via the CTRL pin. The LT3571
is available in the tiny footprint (3mm
× 3mm) 16-lead
QFN package.
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
45V Low Noise APD Bias Power Supply
FEATURES
APPLICATIONS
n High APD Voltage: Up to 70V
n Integrated Schottky Diode
n 75V, 370mA Internal Switch
n High Side Fixed Voltage Drop APD Current Monitor
n Adjustable Frequency: 250kHz to 2MHz
n Frequency Synchronization
n Wide VIN Range: 2.7V to 20V
n Constant-Voltage and Constant-Current Regulation
n Programmable Current Limit Protection
n Surface Mount Components
n Low Shutdown Current <1μA
n Internal Soft-Start
n Internal Compensation
n CTRL Pin Allows Output Adjustment with
No Polarity Inversion
n 3mm
× 3mm 16-Lead QFN Package
n APD Bias
n PIN Diode Bias
n Optical Receivers and Modules
n Fiber Optic Network Equipment
APD Bias Ripple
1μF
MONIN
VREF
RT
SHDN
CTRL
GND
SYNC
VOUT
FB
VIN
SW
LT3571
MON
APD
OFF ON
VIN
5V
20.5k
49.9Ω
45V
12.1k
1MHz
3571 TA01a
0.1μF
10k
10nF
50V
0.1μF
10μH
1M
20Ω
10nF
IAPD = 1mA
500ns/DIV
3571 TA01b
500μV/DIV


Similar Part No. - LT3571

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3570 LINER-LT3570 Datasheet
282Kb / 20P
1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
LT3570EFE-PBF LINER-LT3570EFE-PBF Datasheet
282Kb / 20P
1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
LT3570EFE-TRPBF LINER-LT3570EFE-TRPBF Datasheet
282Kb / 20P
1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
LT3570EUF-PBF LINER-LT3570EUF-PBF Datasheet
282Kb / 20P
1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
LT3570EUF-TRPBF LINER-LT3570EUF-TRPBF Datasheet
282Kb / 20P
1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
More results

Similar Description - LT3571

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SJ637 SANYO-2SJ637 Datasheet
57Kb / 4P
DC/DC FOR CONVERTER
logo
Semtech Corporation
SC251 SEMTECH-SC251 Datasheet
523Kb / 19P
Step-down DC-DC Converter with Bias LDO for WCDMA Amplifi ers
logo
Maxim Integrated Produc...
MAX15031 MAXIM-MAX15031 Datasheet
379Kb / 16P
80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 0; 10/08
logo
Linear Technology
LT3472 LINER-LT3472 Datasheet
227Kb / 12P
Boost and Inverting DC/DC Converter for CCD Bias
LT3482 LINER-LT3482 Datasheet
196Kb / 12P
90V Boost DC/DC Converter with APD Current Monitor
LT3472 LINER-LT3472_15 Datasheet
233Kb / 12P
Boost and Inverting DC/DC Converter for CCD Bias
LT3482 LINER-LT3482_15 Datasheet
202Kb / 12P
90V Boost DC/DC Converter with APD Current Monitor
LT3905 LINER-LT3905_15 Datasheet
257Kb / 18P
Boost DC/DC Converter with APD Current Monitor
logo
Global Mixed-mode Techn...
G5561A GMT-G5561A Datasheet
152Kb / 2P
Quad-Output TFT LCD Bias DC-DC Converter
logo
Linear Technology
LT3905 LINER-LT3905 Datasheet
179Kb / 6P
Boost DC/DC Converter with APD Current Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com