Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3571 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3571
Description  75V DC/DC Converter for APD Bias
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3571 Datasheet(HTML) 2 Page - Linear Technology

  LT3571 Datasheet HTML 1Page - Linear Technology LT3571 Datasheet HTML 2Page - Linear Technology LT3571 Datasheet HTML 3Page - Linear Technology LT3571 Datasheet HTML 4Page - Linear Technology LT3571 Datasheet HTML 5Page - Linear Technology LT3571 Datasheet HTML 6Page - Linear Technology LT3571 Datasheet HTML 7Page - Linear Technology LT3571 Datasheet HTML 8Page - Linear Technology LT3571 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT3571
2
3571fa
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Input Voltage (VIN), SHDN ........................................20V
VOUT, MONIN, APD....................................................75V
MON..........................................................................12V
SW ............................................................................75V
CTRL, FB, SYNC..........................................................5V
RT, VREF ...................................................................1.5V
Operating Ambient Temperature Range
(Note 2) .............................................–40°C to 125°C
Operating Junction Temperature
(Note 2) .............................................–40°C to 125°C
Storage Temperature Range...................–65°C to 150°C
(Note 1)
16
17
15 14 13
5
6
7
8
TOP VIEW
UD PACKAGE
16-LEAD (3mm
3mm) PLASTIC QFN
9
10
11
12
4
3
2
1
NC
APD
MONIN
VOUT
SHDN
VIN
GND
RT
TJMAX = 125°C, θJA = 68°C/W, θJC = 4.2°C/W (NOTE 2)
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Voltage
2.7
V
Maximum Operating Voltage
20
V
Supply Current
VFB = 1.3V, Not Switching
VSHDN = 0V
1.7
0.1
2.2
0.5
mA
μA
Feedback Voltage
VCTRL = 1.25V, VOUT = VMONIN
l
0.985
0.97
1
1.015
1.03
V
V
Feedback Line Regulation
2.7V < VIN < 20V
0.03
0.07
%/V
Current Sense Voltage (VOUT – VMONIN)VOUT = 30V
l
185
200
215
mV
FB Pin Bias Current
VFB = 0V
l
60
100
nA
VREF Pin Voltage
IREF = –100μA
l
1.200
1.222
1.240
V
VREF Pin Line Regulation
2.7V < VIN < 20V
0.03
0.07
%V
RT Voltage
1V
SYNC Resistance to GND
VSYNC = 2V
45
kΩ
SYNC Input Low
0.4
V
SYNC Input High
1.5
V
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3571EUD#PBF
LT3571EUD#TRPBF
LDTN
16-Lead (3mm
× 3mm) Plastic QFN
–40°C to 125°C
LT3571IUD#PBF
LT3571IUD#TRPBF
LDTN
16-Lead (3mm
× 3mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VIN = 3V, VSHDN = 3V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com