Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3571 Datasheet(PDF) 11 Page - Linear Technology

Part # LT3571
Description  75V DC/DC Converter for APD Bias
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3571 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3571 Datasheet HTML 7Page - Linear Technology LT3571 Datasheet HTML 8Page - Linear Technology LT3571 Datasheet HTML 9Page - Linear Technology LT3571 Datasheet HTML 10Page - Linear Technology LT3571 Datasheet HTML 11Page - Linear Technology LT3571 Datasheet HTML 12Page - Linear Technology LT3571 Datasheet HTML 13Page - Linear Technology LT3571 Datasheet HTML 14Page - Linear Technology LT3571 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LT3571
11
3571fa
MONIN
MON
APD
PWM
0.5pF
3571 F04
LT3571
0.1μF
4.99k
1k
PMBT3904
–VHI
–VLO
–
+
LT1815
MEASURE
HERE
OUT
4.99k
2.5V
APD Current Monitor Transient Response
Measurement
The transient response of the APD current monitor is a
key performance characteristic. It is essentially a func-
tion of the input step-signal levels, since the small signal
bandwidth increases with the input signal. At greater than
10μA, the LT3571 APD current mirror typically has several
hundred nanoseconds response time. To measure such
fast transient response, any capacitor at the APD and the
MON pin should be removed. Figure 4 shows a suggested
transient response test setup. Choose VL and VH, cor-
responding to the input step current levels, respectively.
At the MON pin, a wideband transimpedence amplifier
is implemented using the LT1815. Operating in a shunt
configuration, the amplifier buffers the MON output current
and dramatically reduces the effective output impedence
at the OUT node. Note that there is an inversion and a DC
offset present when this measurement technique is used.
A regular oscilloscope probe can then be used to capture
the fast transient response at the OUT node.
APD Bias Voltage Temperature Compensation
Typically, the APD reverse bias voltage has a positive tem-
perature coefficient. The APD pin voltage can be adjusted
with temperature via the CTRL pin. One simple solution is
to form a resistor divider from the VREF pin to the CTRL
pin, as shown in Figure 5. By carefully choosing the resis-
tor values, a temperature coefficient can be applied to the
APD reverse bias voltage. A more complicated and precise
way to set the APD temperature coefficient involves a
transistor network as shown in the “5V to 50V APD Bias
Power Supply with Temperature Compensation”. Please
consult with factory for this type applications.
Figure 4. Transient Response Measurement Set-Up
Figure 5. Setting Temperature Compensation
APPLICATIONS INFORMATION
VREF
CTRL
R1
NTC
3571 F05
LT3571
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com