Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4099 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4099
Description  Implementing transmitters and receivers for infrared remote control protocols using STM32F0xx and STM32F3xx microcontrollers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4099 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4099 Datasheet HTML 2Page - STMicroelectronics AN4099 Datasheet HTML 3Page - STMicroelectronics AN4099 Datasheet HTML 4Page - STMicroelectronics AN4099 Datasheet HTML 5Page - STMicroelectronics AN4099 Datasheet HTML 6Page - STMicroelectronics AN4099 Datasheet HTML 7Page - STMicroelectronics AN4099 Datasheet HTML 8Page - STMicroelectronics AN4099 Datasheet HTML 9Page - STMicroelectronics AN4099 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
Infrared protocol specification
AN4099
6/39
Doc ID 023110 Rev 2
1
Infrared protocol specification
1.1
RC5 protocol basics
The RC5 code is a 14-bit word that uses bi-phase modulation (also called Manchester
coding) of a 36 kHz IR carrier frequency. All bits have an equal length of 1.778 ms, with half
of the bit time filled with a burst of the 36 kHz carrier and the other half being idle. A logical
zero is represented by a burst in the first half of the bit time. A logical one is represented by
a burst in the second half of the bit time. The duty cycle of the 36 kHz carrier frequency is
33% or 25% which reduces power consumption.
Figure 1.
RC5 bit representation
The RC5 frame can generate 2048 (32 x 64) different commands organized in 32 groups.
Each group has 64 different commands. An RC5 frame contains the following fields. An
example of an RC5 frame is shown in Figure 2.
●
Start bit (S): 1 bit length, always logic 1.
●
Field bit (F): 1 bit length, which denotes whether the command sent is in the lower field
(logic 1 = 0 to 63 decimal) or the upper field (logic 0 = 64 to 127 decimal). The field bit
was added later when it was realized that 64 commands per device were insufficient.
Previously, the field bit was combined with the start bit. Many devices still use this
original system.
●
Control bit or Toggle bit (C): 1 bit length, which toggles each time a button is pressed.
This allows the receiving device to distinguish between two successive button presses
(such as "1", "1" for "11").
●
Address: 5 bits length that selects one of 32 possible systems.
●
Command: 6 bits length that (in conjunction with the field bit) represents one of the
128 possible RC5 commands.
889 μs
889 μs
889 μs
Logical ‘0’
Logical ‘1’
889 μs
ai18530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com