Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4099 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4099
Description  Implementing transmitters and receivers for infrared remote control protocols using STM32F0xx and STM32F3xx microcontrollers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4099 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4099 Datasheet HTML 15Page - STMicroelectronics AN4099 Datasheet HTML 16Page - STMicroelectronics AN4099 Datasheet HTML 17Page - STMicroelectronics AN4099 Datasheet HTML 18Page - STMicroelectronics AN4099 Datasheet HTML 19Page - STMicroelectronics AN4099 Datasheet HTML 20Page - STMicroelectronics AN4099 Datasheet HTML 21Page - STMicroelectronics AN4099 Datasheet HTML 22Page - STMicroelectronics AN4099 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
AN4099
Infrared receiver
Doc ID 023110 Rev 2
19/39
The timer generates three types of interrupt.
●
Interrupt at each falling edge: this can be used to measure the entire pulse (duration
between two successive falling edges).
●
Interrupt at each rising edge: this can be used to measure the low pulse (duration
between falling and rising edges).
●
Update event: this is used to put the infrared packet into default state (bit count, data
and status) when the timer counter overflows.
The low pulse and whole pulse duration are used to determine the bit value. If the durations
are within the tolerance range of the bit time, one identifies the bit value (Logic0, Logic1 or
Header).
The flowchart below gives an overview of the infrared decoding procedure.
Figure 16.
Infrared decoding flowchart
Initialization: Timer in
PWMI mode
Timer interrupt
Falling edge
Rising edge
Test: Margin
tolerance
<N
=N
Whole pulse
Measurement
Low pulse
Measurement
Update Event
Reset the Infrared
Packet
Yes
Bit Identification
Increment bit count
Test: Bit
Count
Decode Infrared frame
fields
Error
Reset the Infrared
Packet
Reset the Infrared
Packet
MS18587V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com