Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4099 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4099
Description  Implementing transmitters and receivers for infrared remote control protocols using STM32F0xx and STM32F3xx microcontrollers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4099 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4099 Datasheet HTML 6Page - STMicroelectronics AN4099 Datasheet HTML 7Page - STMicroelectronics AN4099 Datasheet HTML 8Page - STMicroelectronics AN4099 Datasheet HTML 9Page - STMicroelectronics AN4099 Datasheet HTML 10Page - STMicroelectronics AN4099 Datasheet HTML 11Page - STMicroelectronics AN4099 Datasheet HTML 12Page - STMicroelectronics AN4099 Datasheet HTML 13Page - STMicroelectronics AN4099 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Infrared transmitter
AN4099
10/39
Doc ID 023110 Rev 2
2
Infrared transmitter
2.1
Hardware considerations
The TX-IR LED is an infrared transmitter designed for infrared serial data links and remote
control applications. Data present is modulated at the selected carrier frequency of 36 kHz
or 40 kHz providing a simple, single-chip solution for infrared data communications and
remote control applications.
An infrared interface (IRTIM) for remote control is available on the STM32F0xx and
STM32F3xx devices. It can be used with an IR LED to perform remote control functionality.
The IR digital interface is designed to output a digital signal to an infrared diode driver
circuit. It can output a signal using any of the existing modulation styles, the modulation style
being dependent on the software algorithm.
The IR interface is very easy to configure and uses two signals provided by two STM32
timers (TIM16 and TIM17).
TIM17 is used to provide the carrier frequency and TIM16 provides the actual signal to be
sent.
Figure 7.
Hardware configuration for infrared transmitter
Main signal
Carrier frequency
IR LED
Transmitter
Modulated signal
MS30800V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com