Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4099 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4099
Description  Implementing transmitters and receivers for infrared remote control protocols using STM32F0xx and STM32F3xx microcontrollers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4099 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4099 Datasheet HTML 10Page - STMicroelectronics AN4099 Datasheet HTML 11Page - STMicroelectronics AN4099 Datasheet HTML 12Page - STMicroelectronics AN4099 Datasheet HTML 13Page - STMicroelectronics AN4099 Datasheet HTML 14Page - STMicroelectronics AN4099 Datasheet HTML 15Page - STMicroelectronics AN4099 Datasheet HTML 16Page - STMicroelectronics AN4099 Datasheet HTML 17Page - STMicroelectronics AN4099 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
Infrared transmitter
AN4099
14/39
Doc ID 023110 Rev 2
2.2.1
RC5 encoder solution
RC5 encoding mechanism
Figure 11 on page 14 shows how the RC5 frame is generated. The described flowchart is
called during the TIM16 update interrupt routine.
Figure 11.
RC5 send frame flowchart
In the Manchester encoding, a logic "0" is indicated by a 0 to 1 transition at the centre of the
bit and a logic "1" is indicated by a 1 to 0 transition at the centre of the bit. The Manchester
encoding rules are summarized in Figure 12.
Figure 12.
Manchester encoding bits
Force the TIM16
Output1 to inactive
level
Begin send RC5 frame
Increment BitsSent_Counter variable
If the bit to be sent is 1
Force the TIM16
Output1 to active
level
Yes
No
End
Generate the binary format of RC5 frame
Transform the binary data frame from MSB to
LSB
Convert the binary data to a pulse width
modulation format of the message
Check if all bits are sent
Yes
No
MS30804V1
Logical1
1.778 ms
1
0
Logical0
1.778 ms
0
1
MS30805V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com