Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4099 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4099
Description  Implementing transmitters and receivers for infrared remote control protocols using STM32F0xx and STM32F3xx microcontrollers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4099 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4099 Datasheet HTML 4Page - STMicroelectronics AN4099 Datasheet HTML 5Page - STMicroelectronics AN4099 Datasheet HTML 6Page - STMicroelectronics AN4099 Datasheet HTML 7Page - STMicroelectronics AN4099 Datasheet HTML 8Page - STMicroelectronics AN4099 Datasheet HTML 9Page - STMicroelectronics AN4099 Datasheet HTML 10Page - STMicroelectronics AN4099 Datasheet HTML 11Page - STMicroelectronics AN4099 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
Infrared protocol specification
AN4099
8/39
Doc ID 023110 Rev 2
1.2
SIRC protocol basics
The SIRC code is a 12-bit word. It uses modulation of a 40 kHz IR carrier frequency. The
SIRC protocol uses pulse distance encoding of the bits. Each pulse is a 600 µs long, 40 kHz
carrier burst. A logical "1" takes 1.8 ms to transmit, while a logical "0" takes 1.2 ms to
transmit (Figure 4).
Figure 4.
Length of logical bits
A SIRC frame contains the following fields.
●
Start bit: the start burst is always 2.4 ms wide, followed by a standard space of 0.6 ms.
●
Command 7 bits length: this field holds 7 bits that are used as command fields.
●
Address 5 bits length: this field holds 5 bits that are used as address fields.
Figure 5.
Length of start bit
With this protocol, the LSB is transmitted first. As such, it is assembled LSB to MSB. Since it
is sent as 7 bits for command, followed by 5 bits for device address, the code must split the
12 received bits into two groups of 7 and 5 bits.
ai18552
600 μs
1.2 ms
600 μs
600 μs
Logical ‘0’
Logical ‘1’
ai18553
2.4 ms
Start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com