Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4099 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4099
Description  Implementing transmitters and receivers for infrared remote control protocols using STM32F0xx and STM32F3xx microcontrollers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4099 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4099 Datasheet HTML 8Page - STMicroelectronics AN4099 Datasheet HTML 9Page - STMicroelectronics AN4099 Datasheet HTML 10Page - STMicroelectronics AN4099 Datasheet HTML 11Page - STMicroelectronics AN4099 Datasheet HTML 12Page - STMicroelectronics AN4099 Datasheet HTML 13Page - STMicroelectronics AN4099 Datasheet HTML 14Page - STMicroelectronics AN4099 Datasheet HTML 15Page - STMicroelectronics AN4099 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
Infrared transmitter
AN4099
12/39
Doc ID 023110 Rev 2
Figure 9.
Main loop flowchart
The objective of TIM17 is to generate the carrier signal.
TIM17_Period = (SystemCoreClock / FrequencyCarrier) - 1
TIM16 is used to generate the envelop signal.
TIM16_Period = (SystemCoreClock / FrequencyEnvelop) - 1
Once the modules are initialized (IRTIM, frame fields), the application waits for the SEL
button to be pressed to send the IR data. Figure 10 shows the send frame flowchart.
Enable and configure TIM17 to generate the
carrier signal with frequency around 36Khz and
duty cycle 25%(*)
Enable and configure TIM16 to generate the
envelop signal with periodic interrupt (**)
Choose the command and the address to be sent
to the IR receiver (using LEFT, RIGHT and
DOWN buttons)
Send the corresponding IR data frame
If SEL button
pressed
(*) The carrier frequency is
specific for each IR
protocol (RC5: 36 KHz;
SIRC: 40 kHz)
(**) The envelop signal is
also specific to each IR
protocol (RC5: 889 μs;
SIRC: 600 μs)
Enable and configure IR GPIO pin (Alternate
function IRTIM) to generate the IR signal
Start
Yes
No
MS30802V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com