Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4099 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4099
Description  Implementing transmitters and receivers for infrared remote control protocols using STM32F0xx and STM32F3xx microcontrollers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4099 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4099 Datasheet HTML 1Page - STMicroelectronics AN4099 Datasheet HTML 2Page - STMicroelectronics AN4099 Datasheet HTML 3Page - STMicroelectronics AN4099 Datasheet HTML 4Page - STMicroelectronics AN4099 Datasheet HTML 5Page - STMicroelectronics AN4099 Datasheet HTML 6Page - STMicroelectronics AN4099 Datasheet HTML 7Page - STMicroelectronics AN4099 Datasheet HTML 8Page - STMicroelectronics AN4099 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
October 2012
Doc ID 023110 Rev 2
1/39
AN4099
Application note
Implementing transmitters and receivers for infrared remote control
protocols using STM32F0xx and STM32F3xx microcontrollers
Introduction
Infrared radiation is the region of the electromagnetic spectrum that lies between
microwaves and visible light.
Infrared radiation has two ranges. Near infrared light is closest in wavelength to visible light
and far infrared is closer to the microwave region of the electromagnetic spectrum.
The shorter waves are the ones used by remote controls. Information is transmitted and
received using electromagnetic energy, without using wires.
Infrared technology offers important advantages as a form of wireless communication.
Nowadays, almost all audio and video equipment can be controlled using an infrared remote
control. At the receiving end, a receiver detects the light pulses, which are processed to
retrieve/decode the information they contain.
There are many popular infrared protocol standards used to transmit data via infrared light,
such as RC5, SIRC...
The purpose of this application note is to provide a generic solution for implementing an IR
transmitter (a remote control device) and receiver in software usingSTM32F0xx and
STM32F3xx microcontrollers. An example of software implementation is provided for RC5
and SIRC protocols. Other protocols are supported and available upon request (for further
information contact your local STMicroelectronics sales office).
Note:
The infrared transmitter and receiver solutions described in this document are implemented
in C language and are available within the STM320518-EVAL(Config2), STM32373C-EVAL
and STM32303C-EVAL Demo package available on http://www.st.com.
Table 1.
Applicable products
Type
Applicable products
Microcontrollers
STM32F0xx
STM32F3xx
www.st.com


Similar Part No. - AN4099

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4092 STMICROELECTRONICS-AN4092 Datasheet
663Kb / 38P
Low to mid range engine management
17-Sep-2013
More results

Similar Description - AN4099

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA84C122 PHILIPS-PCA84C122 Datasheet
142Kb / 24P
8-bit microcontrollers for remote control transmitters
1995 May 01
logo
Princeton Technology Co...
PT2461 PTC-PT2461 Datasheet
427Kb / 5P
Infrared Remote Control Transmitters
logo
NEC
UPD17240 NEC-UPD17240 Datasheet
668Kb / 102P
4-BIT SINGLE-CHIP MICROCONTROLLERS FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTERS
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1505A AVAGO-HFBR-1505A Datasheet
242Kb / 11P
Fiber Optic Transmitters and Receivers for Fieldbus Applications
logo
Broadcom Corporation.
HFBR-0600Z BOARDCOM-HFBR-0600Z Datasheet
764Kb / 9P
SERCOS Fiber Optic Transmitters and Receivers
logo
Murata Manufacturing Co...
RO3101E-1 MURATA-RO3101E-1 Datasheet
228Kb / 2P
Designed for European 433.92 MHz Remote Control and Security Transmitters
RO3118E MURATA-RO3118E Datasheet
226Kb / 2P
Ideal for 318 MHz Remote Control and Security Transmitters
RO3144D MURATA-RO3144D Datasheet
249Kb / 2P
Ideal for 916.5 MHz Remote Control and Data Telemetry Transmitters
RO3144E-1 MURATA-RO3144E-1 Datasheet
219Kb / 2P
Ideal for 916.5 MHz Remote Control and Data Telemetry Transmitters
logo
STMicroelectronics
X-CUBE-IRREMOTE STMICROELECTRONICS-X-CUBE-IRREMOTE Datasheet
127Kb / 5P
Implementing transmitters and receivers for infrared remote control protocols, software expansion for STM32Cube
14-Oct-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com