Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4099 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN4099
Description  Implementing transmitters and receivers for infrared remote control protocols using STM32F0xx and STM32F3xx microcontrollers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4099 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN4099 Datasheet HTML 27Page - STMicroelectronics AN4099 Datasheet HTML 28Page - STMicroelectronics AN4099 Datasheet HTML 29Page - STMicroelectronics AN4099 Datasheet HTML 30Page - STMicroelectronics AN4099 Datasheet HTML 31Page - STMicroelectronics AN4099 Datasheet HTML 32Page - STMicroelectronics AN4099 Datasheet HTML 33Page - STMicroelectronics AN4099 Datasheet HTML 34Page - STMicroelectronics AN4099 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
AN4099
Interface layer
Doc ID 023110 Rev 2
31/39
4
Interface layer
Figure 23.
Application layer architecture
There are many similar infrared protocols that are differentiated by timing parameters such
as the SIRC protocol. These protocols are handled by sirc_decode.c/sirc_encode.c
functions. You only need to update the timing values.
There are others that are quite different and are managed by specific functions such as RC5
and its associated driver rc5_decode.c/rc5_encode.c.
Each protocol has a specific structure frame. IR_FRAME is a pointer to the selected infrared
protocol structure and it contains the main information needed for communication (device
address and command).
4.1
Demonstration programs
To ensure a quick start, the infrared transmitter and receiver presented in this document are
implemented in C language and are available within the STM320518-EVAL(Config2),
STM32373C-EVAL and STM32303C-EVAL Demo package.
4.1.1
Transmitter demonstration using IRTIM
This demonstration consists in transmitting IR messages displayed on an LCD.
Each IR message is displayed in two parts.
The IR device receiver.
The command to be executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com