Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4099 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN4099
Description  Implementing transmitters and receivers for infrared remote control protocols using STM32F0xx and STM32F3xx microcontrollers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4099 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN4099 Datasheet HTML 20Page - STMicroelectronics AN4099 Datasheet HTML 21Page - STMicroelectronics AN4099 Datasheet HTML 22Page - STMicroelectronics AN4099 Datasheet HTML 23Page - STMicroelectronics AN4099 Datasheet HTML 24Page - STMicroelectronics AN4099 Datasheet HTML 25Page - STMicroelectronics AN4099 Datasheet HTML 26Page - STMicroelectronics AN4099 Datasheet HTML 27Page - STMicroelectronics AN4099 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
Infrared receiver
AN4099
24/39
Doc ID 023110 Rev 2
} RC5_Frame_TypeDef ;
IR_RC5_decode () is executed when the RC5FrameReceived flag is equal to YES.
RC5_DeInit()
This function de-initializes the different peripherals (GPIO, TIMER...).
TIM2_IRQHandler ()
This function handles the TIM Capture Compare interrupt.
–
Timer Falling Edge Event: this is used to measure the period between two
successive falling edges (the entire pulse duration).
–
Timer Rising Edge Event: this is used to measure the duration between falling
and rising edges (the low pulse duration).
–
Update event (time-out event): this resets the RC5 packet. The Timer Overflow
is set to 3.7 ms.
The low pulse duration and the whole pulse duration are used to determine the bit
value. Each bit value is determined in relation to the last bit.
3.3.3
How to use the RC5 decoder driver
To use the RC5 decoder driver, proceed as follows.
–
Call the function RC5_Init() to configure the timer and GPIO hardware resources
needed for RC5 decoding.
–
TIM2 Capture Compare and Update interrupts are used to decode the RC5 frame,
if a frame is received correctly a global variable "RC5FrameReceived" is set to
inform the application.
–
The application should then call the function RC5_Decode() to retrieve the
received RC5 frame.
Code example
#include "rc5_decode.h"
/* IR_FRAME will hold the RC5 frame (Address, Command,...) */
RC5_Frame_TypeDef IR_FRAME;
/* Initialize the RC5 driver */
RC5_Init();
while(1)
{
/* Decode the received RC5 frame and store it in IR_FRAME variable
*/
RC5_Decode(&IR_FRAME);
/* Here add the code that will process the just received frame, i.e.
IR_FRAME variable, otherwise it will be overwritten by the next frame
*/
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com