Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4099 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4099
Description  Implementing transmitters and receivers for infrared remote control protocols using STM32F0xx and STM32F3xx microcontrollers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4099 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4099 Datasheet HTML 14Page - STMicroelectronics AN4099 Datasheet HTML 15Page - STMicroelectronics AN4099 Datasheet HTML 16Page - STMicroelectronics AN4099 Datasheet HTML 17Page - STMicroelectronics AN4099 Datasheet HTML 18Page - STMicroelectronics AN4099 Datasheet HTML 19Page - STMicroelectronics AN4099 Datasheet HTML 20Page - STMicroelectronics AN4099 Datasheet HTML 21Page - STMicroelectronics AN4099 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
Infrared receiver
AN4099
18/39
Doc ID 023110 Rev 2
3
Infrared receiver
3.1
Hardware considerations
To improve noise rejection, the IR pulses are modulated at around 36 kHz, 38 kHz or
40 kHz. The easiest way to receive these pulses is to use an integrated IR
receiver/demodulator module like the TSOP1736 (5 V supply version) or TSOP34836 (3.3 V
supply version) or other equivalent part number (refer to Figure 15).
These are 3-pin devices that receive the infrared burst and output the demodulated bit
stream on the output pin which is connected directly to one of the STM32 microcontroller’s
GPIO pins or GP-Timers Input Capture channels. If TSOP1736 is used, the selected GPIO
must be Five volt Tolerant (FT). The output of the IR module is inverted compared to the
transmitted data (the data is idle high and logic "0" becomes logic "1" and vice versa).
Note:
The IR module needs two external components: a capacitor and a resistor (refer to the
related IR module datasheet for their values).
Figure 15.
Hardware configuration
3.2
Universal solution: software implementation using a
GP-Timer configured in PWM input mode
Each infrared protocol can be decoded using one of the timer peripherals embedded in the
STM32 microcontroller. This timer can be configured in PWM input mode and used to
sample the infrared frame bits. The timer input capture function is active on edges with
opposite polarity.
AI15771b
STM32
GPIOx
Out
Modulated signal
Demodulated and inver ted
signal
Infra-red
Remote control
IR r eceiver
module
3.3 V
3.3 V or 5 V
R
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com