Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4099 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4099
Description  Implementing transmitters and receivers for infrared remote control protocols using STM32F0xx and STM32F3xx microcontrollers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4099 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4099 Datasheet HTML 3Page - STMicroelectronics AN4099 Datasheet HTML 4Page - STMicroelectronics AN4099 Datasheet HTML 5Page - STMicroelectronics AN4099 Datasheet HTML 6Page - STMicroelectronics AN4099 Datasheet HTML 7Page - STMicroelectronics AN4099 Datasheet HTML 8Page - STMicroelectronics AN4099 Datasheet HTML 9Page - STMicroelectronics AN4099 Datasheet HTML 10Page - STMicroelectronics AN4099 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
AN4099
Infrared protocol specification
Doc ID 023110 Rev 2
7/39
Figure 2.
Example of an RC5 frame
To avoid frame collisions, an idle time is inserted between two successive frames with a
specific width (see Figure 3).
The idle time is defined as 50 bits wide. So, the periodicity of a frame is 64 x 1 bit width:
64 x 1.778 = 113.792 ms.
Figure 3.
RC5 idle time
Note:
The infrared protocol implementation is based on free RC5 specifications downloaded from
http://www.sbprojects.com/knowledge/ir/rc5.php.
Table 2.
RC5 timings
Description
Min.
Typical
Max.
RC5 half bit period
640 µs
889 µs
1140 µs
RC5 full bit period
1340 µs
1778 µs
2220 µs
RC5 message time
23.644 ms
24.889 µs
26.133 ms
RC5 message
repetition time
108.089 ms
113.778 ms
119.467 ms
Carrier pulse bit time
27.233 µs
27.778 µs
28.349 µs
110
00100111
5 address bits
S
0
11
6 command bits
FC
MS18531V1
MS18532V1
50 Bits
Frame1
Frame2
Idle time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com