Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4133 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4133
Description  Using the SPIRIT1 transceiver under ARIB STD-T108 in the 920 MHz band
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4133 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4133 Datasheet HTML 3Page - STMicroelectronics AN4133 Datasheet HTML 4Page - STMicroelectronics AN4133 Datasheet HTML 5Page - STMicroelectronics AN4133 Datasheet HTML 6Page - STMicroelectronics AN4133 Datasheet HTML 7Page - STMicroelectronics AN4133 Datasheet HTML 8Page - STMicroelectronics AN4133 Datasheet HTML 9Page - STMicroelectronics AN4133 Datasheet HTML 10Page - STMicroelectronics AN4133 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
AN4133
An overview of ARIB STD-T108 regulation
Doc ID 023362 Rev 1
7/35
Table 3.
Permissible values for unwanted emission intensity
Frequency band
Spurious emission
strength (average power)
Reference bandwidth
f
≤ 710 MHz
-36 dBm
100 kHz
710 MHz < f
≤ 900 MHz
-55 dBm
1 MHz
900 MHz < f
≤ 915 MHz
-55 dBm
100 kHz
915 MHz < f
≤ 930 MHz
(Except for |f-fc|
≤ (200+100xn) kHz if
bandwidth of unit radio channel is 200 kHz,
except for |f-fc| <= (100+50xn) kHz if the
bandwidth of unit radio channel is 100 kHz.
Except for |f-fc| <= (100+100xn) kHz if
frequency band is 915.9 MHz
≤ f ≤ 916.9 MHz
and 920.5 MHz
≤ f ≤ 922.3 MHz.
Where n is a number of unit radio channels
constituting the radio channel and is an
integer from 1 to 5).
-36 dBm
100 kHz
930 MHz < f
≤ 1000 MHz
-55 dBm
100 kHz
1000 MHz < f
≤ 1215 MHz
-45 dBm
1 MHz
1215 MHz < f
-30 dBm
1 MHz
Table 4.
Limit on secondary radiated emissions, etc. at receiver
Frequency band
Limit on secondary radiated
emissions, etc. (antenna input)
Reference bandwidth
f
≤ 710 MHz
-54 dBm
100 kHz
710 MHz < f
≤ 900 MHz
-55 dBm
1 MHz
900 MHz < f
≤ 915 MHz
-55 dBm
100 kHz
915 MHz < f
≤ 930 MHz
-54 dBm
100 kHz
930 MHz < f
≤ 1000 MHz
-55 dBm
100 kHz
1000 MHz < f
-47 dBm
1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com