Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4133 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4133
Description  Using the SPIRIT1 transceiver under ARIB STD-T108 in the 920 MHz band
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4133 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4133 Datasheet HTML 10Page - STMicroelectronics AN4133 Datasheet HTML 11Page - STMicroelectronics AN4133 Datasheet HTML 12Page - STMicroelectronics AN4133 Datasheet HTML 13Page - STMicroelectronics AN4133 Datasheet HTML 14Page - STMicroelectronics AN4133 Datasheet HTML 15Page - STMicroelectronics AN4133 Datasheet HTML 16Page - STMicroelectronics AN4133 Datasheet HTML 17Page - STMicroelectronics AN4133 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Transmitter
AN4133
14/35
Doc ID 023362 Rev 1
Figure 6.
Convenience radio station channel mask of a radio channel whose frequency is from
922.3 MHz to 923.5 MHz
Figure 7.
Convenience radio station channel mask of a radio channel at 923 MHz
200 kHz
200 kHz
(200 x n) kHz
30
20
10
0
-10
-20
-30
-40
-50
Lower a dja cent
unit cha nnel
Upper a dja cent
unit cha nnel
fc
(Center frequency)
fc-100xn
fc+100xn
Unit:
kHz
Unit: dBm/100kHz
Spurious emission strength
(920.3 MHz to 924.3 MHz)
-29 dBm/100 kHz
Adja cent cha nnel
lea ka ge power:
-5 dBm or less
-50
-40
-30
-20
-10
0
10
20
30
9.225E+08
9.226E+08
9.227E+08
9.228E+08
9.229E+08
9.230E+08
9.231E+08
9.232E+08
9.233E+08
9.234E+08
9.235E+08
Frequency [Hz]
Convenience radio station 10 dBm 922.3 MHz to 923.5 MHz bandwidth
Spirit
ARIB Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com