Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4133 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4133
Description  Using the SPIRIT1 transceiver under ARIB STD-T108 in the 920 MHz band
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4133 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4133 Datasheet HTML 16Page - STMicroelectronics AN4133 Datasheet HTML 17Page - STMicroelectronics AN4133 Datasheet HTML 18Page - STMicroelectronics AN4133 Datasheet HTML 19Page - STMicroelectronics AN4133 Datasheet HTML 20Page - STMicroelectronics AN4133 Datasheet HTML 21Page - STMicroelectronics AN4133 Datasheet HTML 22Page - STMicroelectronics AN4133 Datasheet HTML 23Page - STMicroelectronics AN4133 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Permissible values for unwanted emission intensity
AN4133
20/35
Doc ID 023362 Rev 1
4
Permissible values for unwanted emission intensity
Unwanted emissions in the spurious domain are emissions at a frequency other than those
of the desired carrier frequency and its sidebands associated with normal test modulation.
The spurious emission strength at the antenna input has to be less than the values in
Table 1 for the convenience radio stations and Table 3 for the low-power radio station. The
measurements for the convenience radio station are done with the carrier set to 922 MHz.
The measurements for the low-power radio station are done with the carrier set to
916.5 MHz.
The measurements performed for the convenience radio station are given in Figure 18 to 26
which show that all requirements are met. Special attention must be given to the
requirement in the 920.3 to 924.3 MHz band. In this band the levels of the spurious have to
be lower than -55 dBm on 100 kHz band without considering the channel occupied
bandwidth. This value is in obvious contradiction with the value reported in the convenience
radio station channel masks (Figure 4 and 6) where for the same spurious a maximum level
of -29 dBm integrated in 100 kHz bandwidth is given. In Figure 22 the two different masks
are shown and it is clear that the second requirement is much less stringent than the first
one.
The measurements performed for the low-power radio station are given in Figure 27 to 33.
For the low-power case the full requirements are met.
Figure 18.
Convenience radio station emission in the 10 - 710 MHz bandwidth
-70
-60
-50
-40
-30
-20
1.00E+07
1.10E+08
2.10E+08
3.10E+08
4.10E+08
5.10E+08
6.10E+08
7.10E+08
Frequency [Hz]
Convenience radio station spurious emission 10 - 710 MHz
Spirit
ARIB mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com