Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4133 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN4133
Description  Using the SPIRIT1 transceiver under ARIB STD-T108 in the 920 MHz band
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4133 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN4133 Datasheet HTML 19Page - STMicroelectronics AN4133 Datasheet HTML 20Page - STMicroelectronics AN4133 Datasheet HTML 21Page - STMicroelectronics AN4133 Datasheet HTML 22Page - STMicroelectronics AN4133 Datasheet HTML 23Page - STMicroelectronics AN4133 Datasheet HTML 24Page - STMicroelectronics AN4133 Datasheet HTML 25Page - STMicroelectronics AN4133 Datasheet HTML 26Page - STMicroelectronics AN4133 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
AN4133
Permissible values for unwanted emission intensity
Doc ID 023362 Rev 1
23/35
Figure 23.
Convenience radio station emission in the 924.3 - 930 MHz bandwidth
Figure 24.
Convenience radio station emission in the 930 - 1000 MHz bandwidth
-90
-80
-70
-60
-50
-40
-30
9.24E+08
9.25E+08
9.26E+08
9.27E+08
9.28E+08
9.29E+08
Frequency [Hz]
Convenience radio station spurious emission 924.3 - 930 MHz
Spirit
ARIB mask
-90
-80
-70
-60
-50
-40
-30
9.30E+08
9.40E+08
9.50E+08
9.60E+08
9.70E+08
9.80E+08
9.90E+08
Frequency [Hz]
Convenience radio station spurious emission 930 MHz - 1 GHz
Spirit
ARIB mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com