Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4133 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4133
Description  Using the SPIRIT1 transceiver under ARIB STD-T108 in the 920 MHz band
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4133 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4133 Datasheet HTML 1Page - STMicroelectronics AN4133 Datasheet HTML 2Page - STMicroelectronics AN4133 Datasheet HTML 3Page - STMicroelectronics AN4133 Datasheet HTML 4Page - STMicroelectronics AN4133 Datasheet HTML 5Page - STMicroelectronics AN4133 Datasheet HTML 6Page - STMicroelectronics AN4133 Datasheet HTML 7Page - STMicroelectronics AN4133 Datasheet HTML 8Page - STMicroelectronics AN4133 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
AN4133
An overview of ARIB STD-T108 regulation
Doc ID 023362 Rev 1
5/35
1
An overview of ARIB STD-T108 regulation
Radio equipment defined in this standard utilizes 915 to 930 MHz bandwidth. The ARIB
STD-T108 defines two different types of possible categories of application:
1.
Convenience radio stations
2.
Low-power radio stations
A short description of the two different categories is given in the following sections. The
main difference concerns the output power and band frequency used.
1.1
Convenience radio stations
Devices that operate in convenience radio stations will work in using either a simplex,
duplex, or semi-duplex broadcast method. The contents of communications are primarily the
signals for telemetry, telecontrol and data transmission systems. The operating frequency
band is between 920.5 MHz and 923.5 MHz. The maximum permitted antenna power is
250 mW (+24 dBm on a 50 ohm load, +27 dBm EIRP considering an antenna of 3 dBi gain).
A radio channel consists of up to 5 consecutive unit radio channels which are defined such
that their center frequency is located from 920.6 MHz to 923.4 MHz with 200 kHz separation
and a bandwidth of 200 kHz. There aren't specific requirements for the modulation method,
while the permissible value for occupied bandwidth is (200 x n) kHz or less, where n is the
number of unit radio channels constituting the entire radio channel and is an integer from 1
to 5.
An adjacent channel leakage power is permitted: two different channel masks are defined,
one for systems that work in the 920.5 MHz to 922.3 MHz band and a second one for the
systems that work in the 922.3 to 923.5 MHz band. For the two different masks refer to the
figures 3-1 and 3-2 of the ARIB STD-T108 regulation cited in References on page 33.
For the transmitter a permissible value for unwanted emission intensity is defined (see
Table 1).
For the receiver a limit for the secondary radiated emissions is defined (see Table 2).
Table 1.
Permissible values for unwanted emission intensity
Frequency band
Spurious emission strength (average power)
Reference bandwidth
f <= 710 MHz
-36 dBm
100 kHz
710 MHz < f
≤ 900 MHz
-55 dBm
1 MHz
900 MHz < f
≤ 915 MHz
-55 dBm
100 kHz
915 MHz < f
≤ 920.3 MHz
-36 dBm
100 kHz
920.3 MHz < f
≤ 924.3 MHz
(except for |f-fc|
≤ (200+100xn) kHz)
-55 dBm
100 kHz
924.3 MHz < f
≤ 930 MHz
-36 dBm
100 kHz
930 MHz < f
≤ 1000 MHz
-55 dBm
100 kHz
1000 MHz < f
≤ 1215 MHz
-45 dBm
1 MHz
1215 MHz < f
-30 dBm
1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com