Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4133 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN4133
Description  Using the SPIRIT1 transceiver under ARIB STD-T108 in the 920 MHz band
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4133 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN4133 Datasheet HTML 25Page - STMicroelectronics AN4133 Datasheet HTML 26Page - STMicroelectronics AN4133 Datasheet HTML 27Page - STMicroelectronics AN4133 Datasheet HTML 28Page - STMicroelectronics AN4133 Datasheet HTML 29Page - STMicroelectronics AN4133 Datasheet HTML 30Page - STMicroelectronics AN4133 Datasheet HTML 31Page - STMicroelectronics AN4133 Datasheet HTML 32Page - STMicroelectronics AN4133 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
AN4133
Receiver
Doc ID 023362 Rev 1
29/35
5
Receiver
Only one measurement is required for the receiver, the limit on secondary radiated
emission. This measurement is performed under the following conditions: Tc = 25 °C,
Vdd = 3.0 V, f = 922 MHz (middle frequency of the bandwidth used).
5.1
Limit on secondary radiated emission
Spurious radiation from the receiver includes components at any frequency, radiated by the
equipment. The spurious emission strength at the antenna input has to be less than the
values in Table 2 for the convenience radio stations and Table 4 for the low-power radio
stations. The two tables are the same, so the measurement is performed only once, setting
the receiver to 922 MHz, maximum gain.
The measurement results are given in Figure 34 to 39. The entire standard requirements
are met from the SPIRIT1 in receiver mode.
Figure 34.
Receiver radiated emission in the 10 - 710 MHz bandwidth
-110
-100
-90
-80
-70
-60
-50
-40
1.00E+07
1.10E+08
2.10E+08
3.10E+08
4.10E+08
5.10E+08
6.10E+08
7.10E+08
Frequency [Hz]
Convenience radio station receiver spurious emission 10 - 710 MHz
Spirit
ARIB mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com