Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4133 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN4133
Description  Using the SPIRIT1 transceiver under ARIB STD-T108 in the 920 MHz band
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4133 Datasheet(HTML) 4 Page - STMicroelectronics

  AN4133 Datasheet HTML 1Page - STMicroelectronics AN4133 Datasheet HTML 2Page - STMicroelectronics AN4133 Datasheet HTML 3Page - STMicroelectronics AN4133 Datasheet HTML 4Page - STMicroelectronics AN4133 Datasheet HTML 5Page - STMicroelectronics AN4133 Datasheet HTML 6Page - STMicroelectronics AN4133 Datasheet HTML 7Page - STMicroelectronics AN4133 Datasheet HTML 8Page - STMicroelectronics AN4133 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
List of figures
AN4133
4/35
Doc ID 023362 Rev 1
List of figures
Figure 1.
SPIRIT1 application daughterboard . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 2.
SPIRIT1 application daughterboard plugged into the motherboard . . . . . . . . . . . . . . . . . . . 9
Figure 3.
Daughterboard schematic. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 4.
Convenience radio station channel mask of a radio channel whose frequency is
from 920.5 MHz to 922.3 MHz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 5.
Convenience radio station channel mask of a radio channel at 922 MHz . . . . . . . . . . . . . 13
Figure 6.
Convenience radio station channel mask of a radio channel whose frequency is
from 922.3 MHz to 923.5 MHz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 7.
Convenience radio station channel mask of a radio channel at 923 MHz . . . . . . . . . . . . . 14
Figure 8.
Low-power radio station channel mask of a radio channel whose frequency is
from 915.9 MHz to 916.9 MHz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 9.
Low-power radio station channel mask of a radio channel at 916.5 MHz. . . . . . . . . . . . . . 15
Figure 10.
Low-power radio station channel mask of a radio channel whose frequency is
from 920.5 MHz to 922.3 MHz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 11.
Low-power radio station channel mask of a radio channel at 921.5 MHz . . . . . . . . . . . . . 16
Figure 12.
Low-power radio station channel mask of a radio channel whose frequency is
from 922.3 MHz to 928.1 MHz (antenna power is 1 mW or less)l . . . . . . . . . . . . . . . . . . . 17
Figure 13.
Low-power radio station channel mask of a radio channel at 928 MHz . . . . . . . . . . . . . . . 17
Figure 14.
Low-power radio station channel mask of a radio channel whose frequency is
from 922.3 MHz to 928.1 MHz (antenna power is more than 1 mW and 20 mW or less). . 18
Figure 15.
Low-power radio station channel mask of a radio channel at 925 MHz . . . . . . . . . . . . . . . 18
Figure 16.
Low-power radio station channel mask of a radio channel whose frequency is
from 928.1 MHz to 929.7 MHz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 17.
Low-power radio station channel mask of a radio channel at 929 MHz . . . . . . . . . . . . . . . 19
Figure 18.
Convenience radio station emission in the 10 - 710 MHz bandwidth . . . . . . . . . . . . . . . . . 20
Figure 19.
Convenience radio station emission in the 710 - 900 MHz bandwidth . . . . . . . . . . . . . . . . 21
Figure 20.
Convenience radio station emission in the 900 - 915 MHz bandwidth . . . . . . . . . . . . . . . . 21
Figure 21.
Convenience radio station emission in the 915 - 920.3 MHz bandwidth . . . . . . . . . . . . . . 22
Figure 22.
Convenience radio station emission in the 920.3 - 924.3 MHz bandwidth . . . . . . . . . . . . . 22
Figure 23.
Convenience radio station emission in the 924.3 - 930 MHz bandwidth . . . . . . . . . . . . . . 23
Figure 24.
Convenience radio station emission in the 930 - 1000 MHz bandwidth . . . . . . . . . . . . . . . 23
Figure 25.
Convenience radio station emission in the 1 - 1.215 GHz bandwidth. . . . . . . . . . . . . . . . . 24
Figure 26.
Convenience radio station emission in the 1.215 - 6 Hz bandwidth . . . . . . . . . . . . . . . . . . 24
Figure 27.
Low-power radio station emission in the 10 - 710 MHz bandwidth. . . . . . . . . . . . . . . . . . . 25
Figure 28.
Low-power radio station emission in the 710 - 900 MHz bandwidth. . . . . . . . . . . . . . . . . . 25
Figure 29.
Low-power radio station emission in the 900 - 915 MHz bandwidth. . . . . . . . . . . . . . . . . . 26
Figure 30.
Low-power radio station emission in the 915 - 930 MHz bandwidth. . . . . . . . . . . . . . . . . . 26
Figure 31.
Low-power radio station emission in the 930 - 1000 MHz bandwidth. . . . . . . . . . . . . . . . . 27
Figure 32.
Low-power radio station emission in the 1 - 1.215 GHz bandwidth . . . . . . . . . . . . . . . . . . 27
Figure 33.
Low-power radio station emission in the 1.215 - 6 GHz bandwidth . . . . . . . . . . . . . . . . . . 28
Figure 34.
Receiver radiated emission in the 10 - 710 MHz bandwidth. . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 35.
Receiver radiated emission in the 710 - 900 MHz bandwidth. . . . . . . . . . . . . . . . . . . . . . . 30
Figure 36.
Receiver radiated emission in the 900 - 915 MHz bandwidth. . . . . . . . . . . . . . . . . . . . . . . 30
Figure 37.
Receiver radiated emission in the 915 - 930 MHz bandwidth. . . . . . . . . . . . . . . . . . . . . . . 31
Figure 38.
Receiver radiated emission in the 930 - 1000 MHz bandwidth. . . . . . . . . . . . . . . . . . . . . . 31
Figure 39.
Receiver radiated emission in the 1 - 6 GHz bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . . 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com