Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4133 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4133
Description  Using the SPIRIT1 transceiver under ARIB STD-T108 in the 920 MHz band
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4133 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4133 Datasheet HTML 7Page - STMicroelectronics AN4133 Datasheet HTML 8Page - STMicroelectronics AN4133 Datasheet HTML 9Page - STMicroelectronics AN4133 Datasheet HTML 10Page - STMicroelectronics AN4133 Datasheet HTML 11Page - STMicroelectronics AN4133 Datasheet HTML 12Page - STMicroelectronics AN4133 Datasheet HTML 13Page - STMicroelectronics AN4133 Datasheet HTML 14Page - STMicroelectronics AN4133 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
AN4133
Transmitter
Doc ID 023362 Rev 1
11/35
3
Transmitter
All the measurements given are measured under the following conditions: Tc = 25 °C, Vdd =
3.0 V, f = 922 MHz (middle frequency of the bandwidth used), unless otherwise specified.
The maximum output power of the SPIRIT1 in this band is 10 dBm, so all the measurements
for the convenience radio stations and low-power radio stations with +24 dBm or +13 dBm
output power will be performed at +10 dBm. Low-power radio stations with output power of 0
dBm will be performed with the correct output power.
A radio channel consists of up to 5 consecutive unit radio channels which are defined such
that their center frequency is located from 920.6 MHz to 923.4 MHz with 200 kHz separation
and a bandwidth of 200 kHz. SPIRIT1 fully supports the center frequency, separation and
bandwidth requirements. No measurement in that sense will be done.
There aren't specific requirements for the modulation method, while the permissible value
for the occupied bandwidth is (200 x n) kHz or less, where n is the number of unit radio
channels constituting the entire radio channel and is an integer from 1 to 5. The
measurement in this case will be done with a GFSK (BT = 0.5) modulation with 100 kbps
data rate, 50 kHz frequency deviation. Different combinations of modulation, data rate and
frequency deviation creates signals that have a bandwidth lower than 200 kHz: a specific
check has to be done for each case.
There are no specific requirements in the standard about setting the detector, resolution
bandwidth (RBW) or video bandwidth (VBW) of the spectrum analyzer. The detector will be
set to peak, the resolution and video bandwidths will be set sufficiently large to ensure the
correctness of the measurement, and the display will be set to peak hold.
3.1
Adjacent channel leakage power
The adjacent channel leakage power is defined as the amount of the modulated RF signal
power which falls within a given adjacent channel. This power is the sum of the mean power
produced by the modulation, hum and noise of the transmitter.
Different masks are defined for the two types of operating modes. For the convenience radio
stations the masks given in Figure 4 and 6 are defined. The first one defines the channel
mask of a radio channel whose frequency is from 920.5 MHz to 922.3 MHz. The second one
defines the channel mask of a radio channel whose frequency is from 922.3 MHz to 923.5
MHz. The max output power permitted for the convenience radio station is 250 mW (+24
dBm), the SPIRIT1 doesn't support this output power, so the mask compliance is verified
with an output power of 10 dBm. An external PA should be used to reach the maximum
output power.
Figure 5 and 7 show the compliance measurement with the two masks and that the SPIRIT1
complies. If an external power amplifier is used to burst the output power to +24 dBm a
verification of the channel masks has to be done. If the mask requirements aren't met, a
reduction of the data rate and/or frequency deviation is necessary.
For the low-power radio stations the masks printed in Figure 8, 10, 12, 14, and 16 are
defined.
Figure 8 defines the channel mask of a radio channel whose frequency is from 915.9 MHz
to 916.9 MHz. In this case the maximum permitted output power is 1 mW (0 dBm), so the
measurement is performed with this output power level. Figure 9 shows the SPIRIT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com