Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4133 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4133
Description  Using the SPIRIT1 transceiver under ARIB STD-T108 in the 920 MHz band
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4133 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4133 Datasheet HTML 4Page - STMicroelectronics AN4133 Datasheet HTML 5Page - STMicroelectronics AN4133 Datasheet HTML 6Page - STMicroelectronics AN4133 Datasheet HTML 7Page - STMicroelectronics AN4133 Datasheet HTML 8Page - STMicroelectronics AN4133 Datasheet HTML 9Page - STMicroelectronics AN4133 Datasheet HTML 10Page - STMicroelectronics AN4133 Datasheet HTML 11Page - STMicroelectronics AN4133 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Application circuit
AN4133
8/35
Doc ID 023362 Rev 1
2
Application circuit
Figure 1 shows the SPIRIT1 application board. The application is composed of two boards:
a daughterboard and a motherboard. The daughterboard holds the SPIRIT1 with the circuits
necessary for operation. In order to function properly the daughterboard has to be plugged
into the motherboard (see Figure 2) using two header 5x2 connectors (J6 and J7).
The motherboard is provided with an STM32L152VBT6 microcontroller to correctly program
the transceiver. The microcontroller is programmed with firmware developed for the SPIRIT1
application. A graphical user interface (GUI) has been developed to correctly program the
SPIRIT1.
The daughterboard is provided with a 52 MHz crystal to provide the correct oscillator to the
SPIRIT1.
The SPIRIT1 has an internal SMPS that drastically reduces power consumption making the
SPIRIT1 the best in class for the application in this bandwidth. The SMPS is fed from the
battery (1.8 V to 3.6 V) and provides a programmable voltage (1.4 V usually) to the device.
An SMA connector is present to connect the board to the antenna or to the instrumentation
to verify the correct functionality and verify the ETSI standard request.
A few passive components (inductors and capacitors) are used for matching/filtering of the
power amplifier (PA) and balun network for the receiver.
To reduce the application cost the SPIRIT1 is designed to work without an external antenna
switch. This daughterboard is designed to show the functionality of the SPIRIT1 in this
condition. Of course an application with antenna switch can be implemented, but this isn't
described in this document.
Figure 1.
SPIRIT1 application daughterboard



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com