Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4133 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4133
Description  Using the SPIRIT1 transceiver under ARIB STD-T108 in the 920 MHz band
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4133 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4133 Datasheet HTML 1Page - STMicroelectronics AN4133 Datasheet HTML 2Page - STMicroelectronics AN4133 Datasheet HTML 3Page - STMicroelectronics AN4133 Datasheet HTML 4Page - STMicroelectronics AN4133 Datasheet HTML 5Page - STMicroelectronics AN4133 Datasheet HTML 6Page - STMicroelectronics AN4133 Datasheet HTML 7Page - STMicroelectronics AN4133 Datasheet HTML 8Page - STMicroelectronics AN4133 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
July 2012
Doc ID 023362 Rev 1
1/35
AN4133
Application note
Using the SPIRIT1 transceiver under ARIB STD-T108 in the
920 MHz band
By Placido De Vita
Introduction
SPIRIT1 is a very low power RF transceiver, intended for RF wireless applications in the
sub-1 GHz band. It is designed to operate both in the license-free ISM and SRD frequency
bands at 169, 315, 433, 868, 915 and 920 MHz.
The Japanese Association of Radio Industries and Businesses (ARIB) was established in
response to several trends such as the growing internationalization of telecommunications,
the convergence of telecommunications and broadcasting and the need for promotion of
radio-related industries. The ARIB organism defines the basic technical requirements for
standard specifications of radio equipment.
This application note outlines the expected performance when using the Spirit1 under ARIB
STD-T108 (see References on page 33) in the 920 MHz band. For details on the regulatory
limits in the 920 MHz frequency band, please refer to the ARIB STD-T108 regulation in
References on page 33.
These can be downloaded from www.arib.or.jp/english/index.html.
www.st.com


Similar Part No. - AN4133

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN413 STMICROELECTRONICS-AN413 Datasheet
216Kb / 45P
Initialization of the ST9
02-Nov-2011
AN4130 STMICROELECTRONICS-AN4130 Datasheet
3Mb / 41P
LED driver using the HVLED815PF
03-Sep-2012
logo
Fairchild Semiconductor
AN4134 FAIRCHILD-AN4134 Datasheet
305Kb / 14P
Design Guidelines for Off-line Forward Converters
AN4137 FAIRCHILD-AN4137 Datasheet
422Kb / 20P
Design Guidelines
logo
STMicroelectronics
AN4138 STMICROELECTRONICS-AN4138 Datasheet
230Kb / 9P
This application note presents the HSP061-2
11-Jan-2013
More results

Similar Description - AN4133

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IKR001V4 STMICROELECTRONICS-STEVAL-IKR001V4 Datasheet
237Kb / 4P
Sub-GHz transceiver development kit based on the SPIRIT1 (868 MHz band)
02-Aug-2012
STEVAL-IKR001V6 STMICROELECTRONICS-STEVAL-IKR001V6 Datasheet
239Kb / 4P
Sub-GHz transceiver development kit based on the SPIRIT1 (920 MHz band)
02-Aug-2012
AN4305 STMICROELECTRONICS-AN4305 Datasheet
1Mb / 20P
Using the SPIRIT1 transceiver with range extender
24-Oct-2013
AN4103 STMICROELECTRONICS-AN4103 Datasheet
2Mb / 20P
Using the SPIRIT1 transceiver under EN 300 220 at 169 MHz
14-May-2013
AN4110 STMICROELECTRONICS-AN4110 Datasheet
1Mb / 18P
Using the SPIRIT1 transceiver under EN 300 220 at 868 MHz
11-Jul-2012
AN4117 STMICROELECTRONICS-AN4117 Datasheet
1Mb / 22P
Using the SPIRIT1 transceiver under EN 300 220 at 434 MHz
01-Oct-2012
AN4147 STMICROELECTRONICS-AN4147 Datasheet
836Kb / 14P
Using the SPIRIT1 transceiver under FCC title 47 part 15 in the 315 MHz band
06-Aug-2012
AN4148 STMICROELECTRONICS-AN4148 Datasheet
1Mb / 13P
Using the SPIRIT1 transceiver under ARIB STD-T93 in the 315 MHz band
06-Aug-2012
AN4174 STMICROELECTRONICS-AN4174 Datasheet
2Mb / 21P
Using the SPIRIT1 transceiver under the ARIB STD-T67 standard in the 426 MHz band
31-Oct-2012
AN4271 STMICROELECTRONICS-AN4271 Datasheet
1Mb / 20P
Using the SPIRIT1 transceiver with range extender under EN 300 220 at 868 MHz
24-Oct-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com