Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4133 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4133
Description  Using the SPIRIT1 transceiver under ARIB STD-T108 in the 920 MHz band
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4133 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4133 Datasheet HTML 8Page - STMicroelectronics AN4133 Datasheet HTML 9Page - STMicroelectronics AN4133 Datasheet HTML 10Page - STMicroelectronics AN4133 Datasheet HTML 11Page - STMicroelectronics AN4133 Datasheet HTML 12Page - STMicroelectronics AN4133 Datasheet HTML 13Page - STMicroelectronics AN4133 Datasheet HTML 14Page - STMicroelectronics AN4133 Datasheet HTML 15Page - STMicroelectronics AN4133 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Transmitter
AN4133
12/35
Doc ID 023362 Rev 1
compliance with the mask, the measurement is performed with the center frequency set to
916.5 MHz.
Figure 10 defines the channel mask of a radio channel whose frequency is from 920.5 MHz
to 922.3 MHz. The max output power permitted for this bandwidth is 20 mW (+13 dBm), the
SPIRIT1 doesn't support this output power, so the mask compliance is verified with an
output power of 10 dBm. In Figure 11 the SPIRIT1 compliance mask is shown. The output
power is set to 7 dBm to enter on the mask. To work with a higher output power, a reduction
of the data rate and/or frequency deviation is necessary. The center frequency is set to
921.5 MHz.
Figure 12 and 14 define the channel masks of a radio channel whose frequency is from
922.3 MHz to 928.1 MHz. The compliance mask measurements are shown respectively in
Figure 13 and15. The measurements are performed with the center frequency set to
928 MHz and 925 MHz respectively.
The mask in Figure 16 is defined for maximum permitted output power of 1 mW (0 dBm) of a
radio channel whose frequency is from 928.1 MHz to 929.7 MHz. The measurement is
performed with SPIRIT1 set to provide this output power level. Figure 17 shows the
compliance with the mask. The measurement is performed with the center frequency set to
929 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com