Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1432CS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1432CS8
Description  5V High Efficiency Step-Down Switching Regulator Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1432CS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1432CS8 Datasheet HTML 5Page - Linear Technology LT1432CS8 Datasheet HTML 6Page - Linear Technology LT1432CS8 Datasheet HTML 7Page - Linear Technology LT1432CS8 Datasheet HTML 8Page - Linear Technology LT1432CS8 Datasheet HTML 9Page - Linear Technology LT1432CS8 Datasheet HTML 10Page - Linear Technology LT1432CS8 Datasheet HTML 11Page - Linear Technology LT1432CS8 Datasheet HTML 12Page - Linear Technology LT1432CS8 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
LT1432
S
APPLICATI
I FOR ATIO
0
1A/DIV
0
5V/DIV
0
0
1A/DIV
5V/DIV
0
0
0.5A/DIV
Figure 5
5V/DIV
often allow the power-down sequence to consist of simul-
taneous turn-off of load current and switch to burst mode.
Power-up is accomplished by switching to normal mode
and simultaneously increasing load current to the lowest
possible value (30mA to 500mA), followed by a short
pause and return to full load current.
Full Shutdown
When the mode pin is driven high, full shutdown of the
regulator occurs. Regulator input current will then consist
of the LT1432 shutdown current (
≈15µA) plus the switch
leakage of the switching IC (
≈1µA to 25µA). Mode input
current (
≈15µA at 5V) must also be considered. Startup
from shutdown can be in either normal or burst mode, but
one should always check startup overshoot, especially if
the output capacitor or frequency compensation compo-
nents have been changed.
Switching Waveforms in Normal Mode
The waveforms in Figures 3 through 10 were taken with
an input voltage of 12V. Figure 3 shows the classic buck
converter waveforms of switch output voltage (5V/DIV) at
the top and switch current (1A/DIV) underneath, at an
output current of 2A. The regulator is operating in “con-
tinuous” mode as evidenced by the fact that switch
current does not start at zero at switch turn-on. Instead,
it jumps to an initial value, then continues to slope upward
during the duration of switch on time. The slope of the
current waveform is determined by the difference be-
tween input and output voltage, and the value of inductor
used.
dl
dt
V– V
L
IN
OUT
= ()
According to theory, the average switch current during
switch on time should be equal to the 2A output current
and this is confirmed in the photograph. The peak switch
current, however, is about 2.4A.This peak current must
be considered when calculating maximum available load
current because both the LT1432 and the LT1070 family
current limit on instantaneous switch current.
5
µs/DIV
5
µs/DIV
Figure 4
Figure 3
5
µs/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com