Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1432CS8 Datasheet(PDF) 25 Page - Linear Technology

Part # LT1432CS8
Description  5V High Efficiency Step-Down Switching Regulator Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1432CS8 Datasheet(HTML) 25 Page - Linear Technology

Back Button LT1432CS8 Datasheet HTML 20Page - Linear Technology LT1432CS8 Datasheet HTML 21Page - Linear Technology LT1432CS8 Datasheet HTML 22Page - Linear Technology LT1432CS8 Datasheet HTML 23Page - Linear Technology LT1432CS8 Datasheet HTML 24Page - Linear Technology LT1432CS8 Datasheet HTML 25Page - Linear Technology LT1432CS8 Datasheet HTML 26Page - Linear Technology LT1432CS8 Datasheet HTML 27Page - Linear Technology LT1432CS8 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
25
LT1432
5
µs/DIV
POSITIVE TO EGATIVE CO VERTER
INPUT VOLTAGE (V)
0
1
2
1.0
1.5
2.0
2.5
3.0
510
15
20
LT1432 F23
25
TJ = 25°C
RLIM = 0.02Ω
VOUT = 0 (SHORT CIRCUIT)
∆VOUT = 1%
0
0
IDIODE
1A/DIV
ISWITCH
1A/DIV
Figure 23. Positive-to-Negative Converter
Output Current
tor current is diverted through the catch diode to the
output. Figure 24 shows switch current (1A/DIV) with the
upper waveform, and catch diode current (which is deliv-
ered to the output) in the lower waveform, with a +5V input
and 1A load. Note that switch, inductor, and diode currents
are much higher than output current as required by the fact
that current is delivered to the output during only part of
a switch cycle. An approximate formula for peak switch
current required in an inverting design is:
The first term (2.29A) represents the minimum switch
current required if the inductor were infinitely large. A
finite inductor value requires additional switch current.
The 0.4A represents one-half the peak-to-peak inductor
ripple current. The end result is that peak switch current is
almost three times output load current. This multiplier
drops rapidly at higher input voltages, so worst case is
calculated at lower input voltage.
Figure 25 shows the efficiency of this converter. At higher
input voltages and modest output currents efficiency
hovers around 85%, quite good for a 5V output inverter.
Low input voltage reduces efficiency because of increased
currents in the switch, catch diode, and inductor. High
input voltage and low output current also show lower
efficiency due to quiescent currents in the ICs. Note that
the efficiency is actually significantly improved in this
regard over a more conventional design because the
VF = Forward voltage of catch diode
RSW = Switch on-resistance
L = Inductor value
f = Switching frequency
If VIN is 4.7V (minimum),
VF = 0.4V, RSW = 0.25Ω,
L = 50
µH, f = 60kHz, and IOUT = 1A;
Figure 24. Positive-to-Negative Converter
Switch and Diode Current
II
1
VV
V– I
R
VV
V
VV
2L f V
V
SW PEAK
OUT
OUT
F
IN
OUT
SW
IN
OUT
IN
IN
OUT
IN
OUT
() =+
+
()
+
()
+
()
()( ) +
()
I1 1
5
0.4
4.7 – 1 0.25
4.7
5
4.7
4.75 5
2 50E
60E
4.75 5
2.29
0.4
2.69A
SW PEAK
–6
3
() =+
+
()
+
()


+
()
+
()
=+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com