Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1432CS8 Datasheet(PDF) 22 Page - Linear Technology

Part # LT1432CS8
Description  5V High Efficiency Step-Down Switching Regulator Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1432CS8 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT1432CS8 Datasheet HTML 18Page - Linear Technology LT1432CS8 Datasheet HTML 19Page - Linear Technology LT1432CS8 Datasheet HTML 20Page - Linear Technology LT1432CS8 Datasheet HTML 21Page - Linear Technology LT1432CS8 Datasheet HTML 22Page - Linear Technology LT1432CS8 Datasheet HTML 23Page - Linear Technology LT1432CS8 Datasheet HTML 24Page - Linear Technology LT1432CS8 Datasheet HTML 25Page - Linear Technology LT1432CS8 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
22
LT1432
S
APPLICATI
I FOR ATIO
a regulated output voltage of minus 5V, the auxiliary
winding output would have to be about minus 7V. Maxi-
mum output current from the 7V output would be 1.25W/
7V = 178mA. Note that the power restriction is the
total for
all auxiliary outputs.
The formula to calculate turns ratio for the auxiliary
windings versus main winding is simple:
N
NV
V
2V
V
5V
V
AUX
MAIN
AUX
DO
DA
D
=
+=
()+
[]
+
NMAIN = Number of turns on main inductor winding
NAUX = Number of turns on auxiliary winding
VDA = Auxiliary diode forward voltage
VD = Main 5V catch diode forward voltage
VDO = Allowance for regulation of auxiliary winding and
dropout voltage of low-dropout linear regulator used on
auxiliary winding. Set equal to zero if no regulator is used.
Internal Restart Sequence
At very light load currents (>10mA), coupled with low
input voltages (<8.5V), it is possible for the basic architec-
ture used by the LT1432 to assume a stable output state
of less than 5V. To avoid this possibility, the LT1432 has
an internal timer which applies a temporary 20mA load to
the output if the output is below its regulated value for
more than 1.8ms. This action is normally transparent to
the user.
Auxiliary Outputs – “Free” Extra Voltages
Semi-regulated secondary outputs may be added to buck
converters by adding additional windings to the main
inductor. These outputs will have a typical regulation of 5
to 10%, but have one very important limitation.
The total
output power of the auxiliary windings is limited by the
output power of the main output. If this limit is exceeded,
the auxiliary winding voltages will begin to collapse,
although the main 5V output is unaffected by collapse of
the secondary. The auxiliary power available is also a
function of input voltage. At higher input voltages signifi-
cantly more power is available.
Figure 19 shows the ratio of maximum auxiliary power to
main output power, versus input voltage. The auxiliary
output was loaded until its output voltage dropped 10%.
For applications which push the limit of theoretically
available current, care should be used in winding the
inductor. The effects of leakage inductance and series
resistance are magnified at low input voltage where aux-
iliary winding currents are many times DC load current.
Also, be aware that output voltage ripple on the 5V main
output can increase significantly when the auxiliary output
is heavily loaded. The inductor is acting partially like a
transformer, so the AC current delivered to the 5V output
capacitor increases in amplitude and shifts from a tri-wave
to a trapezoid with much faster edges.
A typical example would be a +5V buck converter with a
minimum load of 500mA. Output power is 5V
× 0.5A =
2.5W. Maximum power from the auxiliary windings would
be 1.25W for input voltages of 9V and above. If we assume
a low dropout linear regulator on the auxiliary output, with
INPUT VOLTAGE (V)
0
1.0
1.5
20
LT1432 F19
0.5
0
5
10
15
2.0
Figure 19. Auxiliary Power vs 5V Power
It is not necessary to use a linear regulator on the auxiliary
winding if 5 to 10% regulation is adequate. Line regulation
will be fairly good, but variations in auxiliary voltage will
occur with load changes on either the auxiliary winding or
the 5V output. For relatively constant loads, regulation will
be significantly better.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com