Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1432CS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1432CS8
Description  5V High Efficiency Step-Down Switching Regulator Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1432CS8 Datasheet(HTML) 4 Page - Linear Technology

  LT1432CS8 Datasheet HTML 1Page - Linear Technology LT1432CS8 Datasheet HTML 2Page - Linear Technology LT1432CS8 Datasheet HTML 3Page - Linear Technology LT1432CS8 Datasheet HTML 4Page - Linear Technology LT1432CS8 Datasheet HTML 5Page - Linear Technology LT1432CS8 Datasheet HTML 6Page - Linear Technology LT1432CS8 Datasheet HTML 7Page - Linear Technology LT1432CS8 Datasheet HTML 8Page - Linear Technology LT1432CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
LT1432
Shutdown Current vs Input
Voltage
Battery Current in Shutdown*
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Minimum Input Voltage – Normal
Mode (1270/1271)
Efficiency vs Input Voltage
Efficiency vs Load Current
Minimum Input Voltage – Normal
Mode (1170 Family)
Burst Mode Minimum Input
Voltage
Minimum Input Voltage – Normal
Mode (1070 Family)
OUTPUT CURRENT (A)
0
6.5
7.0
7.5
4
LT1432 G04
6.0
5.5
5.0
1
2
3
5
LT1070 FAMILY(40kHz)
TJ = 25°C
LT1070
LT1071
LT1072
OUTPUT CURRENT (A)
0
6.5
7.0
7.5
4
LT1432 G05
6.0
5.5
5.0
1
2
3
5
LT1170 FAMILY(100kHz)
TJ = 25°C
LT1170
LT1171
LT1172
LOAD CURRENT (mA)
0
6.0
6.5
40
LT1432 G06
5.5
5.0
10
20
30
50
7.0
LT1170
LT1070
TJ = 25°C
INPUT VOLTAGE (V)
0
0
10
20
30
40
50
5
10
15
20
LT1432 G07
25
30
TJ = 25°C
TEMPERATURE (°C)
0
20
30
100
LT1432 G08
10
0
25
50
75
40
VIN = 6V
VIN = 30V
*DOES NOT INCLUDE LT1271 SWITCH LEAKAGE.
Current Limit Sense Voltage*
JUNCTION TEMPERATURE (°C)
0
60
70
100
LT1432 G11
50
40
25
50
75
80
* TEMPERATURE COEFFICIENT OF SENSE VOLTAGE IS
DESIGNED TO TRACK COPPER RESISTANCE.
INPUT VOLTAGE (V)
0
60
70
80
90
100
510
15
20
LT1432 G01
25
30
ILOAD = 0.5A
ILOAD = 2A
ILOAD = 1A
TJ = 25°C
LT1271, L = 50
µH
OUTPUT CURRENT (A)
0
6.5
7.0
7.5
4
LT1432 G03
6.0
5.5
5.0
1
2
3
5
LT1270
LT1271
LT1270/1271
TJ = 25°C
0
60
70
80
90
100
0.5
1.0
1.5
2.0
LT1432 G02
2.5
3.0
LT1270
L = 50
µH
LT1170
L = 25
µH
TJ = 25°C
LOAD CURRENT (A)
LT1271
L = 50
µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com