Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1432CS8 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1432CS8
Description  5V High Efficiency Step-Down Switching Regulator Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1432CS8 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1432CS8 Datasheet HTML 9Page - Linear Technology LT1432CS8 Datasheet HTML 10Page - Linear Technology LT1432CS8 Datasheet HTML 11Page - Linear Technology LT1432CS8 Datasheet HTML 12Page - Linear Technology LT1432CS8 Datasheet HTML 13Page - Linear Technology LT1432CS8 Datasheet HTML 14Page - Linear Technology LT1432CS8 Datasheet HTML 15Page - Linear Technology LT1432CS8 Datasheet HTML 16Page - Linear Technology LT1432CS8 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
13
LT1432
S
APPLICATI
I FOR ATIO
100mV/DIV
100mV/DIV
50
µs/DIV
Figure 14. PC trace Current Limit Sense Resistor
with Kelvin Contacts
Time scale has been expanded to 50
µs/DIV. The spike
consists of several switching cycles of the LT1271 as
shown in the lower trace. In the upper trace, the output
filter has smoothed the switching frequency content of the
spike, but the actual spike amplitude is only modestly
reduced. Increasing the output filter constants from 10
µH
and 220
µF to 20µH and 330µF would eliminate most of
the spike.
Current Limiting
The LT1432 has true switching current limit with a sense
voltage of 60mV. This low sense voltage is used to
maintain high efficiency with normal loads and to make it
possible to use the printed circuit board trace material as
the sense resistor. The sense resistor value must take
ripple current into account because the LT1432 limits on
the peak of the inductor ripple current. Errors in the sense
resistor must also be allowed for.
R
V
I1.2 * +
I
2
SENSE
SENSE
MAX
RIP
=
()
RSENSE = Required sense resistor
VSENSE = 60mV
IMAX = Maximum load current, including any surge
longer than 50
µs
* 1.2 is a fudge factor for errors in RSENSE and VSENSE.
I
2
= 1/2 Peak to Peak Inductor Ripple Current
=
VV – V
2V (f)(L)
RIP
OUT
IN
OUT
IN
()
f = Frequency
L = Inductance
Use VIN maximum
Example: IMAX = 2A, f = 60kHz, maximum VIN = 15V,
L = 50
µH;
I
2
=
515 – 5
2 15 60E
50E
0.55A
R=
60mV
2A 1.2 + 0.55A
0.02
RIP
3–6
SENSE
()
() 
=
()
=Ω
The formula for RSENSE shows a 1.2 multiplier term in the
denominator which makes typical current limit 20% above
full load current. This accounts for small errors in the PCB
trace resistance. Trace resistance errors are kept to a
minimum by using internal traces (on multilayer boards)
KEEP THIS DISTANCE SHORT
FOR BEST LOAD REGULATION.
TO LOAD
}
TO VOUT
PIN
TO VLIM
PIN
“W”
“L” IS MEASURED FROM
POINT “X” TO POINT “Y”
FROM
INDUCTOR
LT 432 F14
“X”
“Y”
Figure 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com