Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1432CS8 Datasheet(PDF) 19 Page - Linear Technology

Part # LT1432CS8
Description  5V High Efficiency Step-Down Switching Regulator Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1432CS8 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT1432CS8 Datasheet HTML 15Page - Linear Technology LT1432CS8 Datasheet HTML 16Page - Linear Technology LT1432CS8 Datasheet HTML 17Page - Linear Technology LT1432CS8 Datasheet HTML 18Page - Linear Technology LT1432CS8 Datasheet HTML 19Page - Linear Technology LT1432CS8 Datasheet HTML 20Page - Linear Technology LT1432CS8 Datasheet HTML 21Page - Linear Technology LT1432CS8 Datasheet HTML 22Page - Linear Technology LT1432CS8 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
19
LT1432
S
APPLICATI
I FOR ATIO
average, so a ten year life is only 15,000 hours. The
manufacturer should be consulted for a final blessing. See
Application Note 46 for specific formulas for calculating
the life time or allowed ripple current in capacitors.
The reason for all this attention to ripple rating is that
everyone is in a size squeeze, and the temptation is to use
the smallest possible components. Do not cheat here
folks, or you may be faced with costly field failures.
ESR on the output capacitor determines output voltage
ripple, so this is also of much concern. Mother Nature has
decreed that for a given capacitor technology, ESR is a
direct function of the
volume of the capacitor. In other
words, if you want low ESR you must consume
space. This
is quickly confirmed by scanning the ESR numbers for a
wide range of capacitor values and voltage ratings within
a given family of capacitors. It is immediately obvious that
can size determines ESR, not capacitance, or voltage
rating. The only way to cheat on this limitation is to find the
best family of capacitors. Manufacturers such as Nichicon,
Chemicon, and Sprague should be checked. Sanyo makes
a very low ESR capacitor type know as OSCON, utilizing a
semiconductor dielectric. Its major disadvantage is some-
what higher price, and a tendency to make regulator
feedback loops unstable because of its extremely low ESR.
Most switching regulator loops depend to some extent on
the output capacitor ESR for a phase lead!
Output Filters
Output ripple voltage at the switching frequency is a fact of
life with switching regulators. Everyone knows that this
ripple must be held below some level to guarantee that it
does not affect system performance. The question is, what
is that level? For sensitive analog systems with wide
bandwidths, supply ripple may have to be a 1mV or less.
Digital systems can often tolerate 400mVp-p ripple with no
effect on performance. In most of these digital applica-
tions of the LT1432 as a buck converter, an output filter is
not needed because output ripple is normally in the 25mV
to 100mVp-p range without a filter. Note that burst mode
ripple is at low frequencies where small output filters are
not effective. The decision to add an output filter does
allow the main filter capacitor to get smaller, so the overall
board space may not increase prohibitively. See the dis-
cussion of waveforms for load transient response implica-
tions when adding a filter.
If modest reductions in output ripple are required, one can
increase the size of the main inductor and/or the output
capacitor. Buck converters are easier than other types
because the main inductor acts as a filter element. The
square wave voltage is converted to a triangular current
before being fed to the output capacitor. Actually, at
switching frequencies, the output capacitor is resistive
and output ripple voltage is determined not by the capaci-
tor value in
µF, but rather by the capacitor effective series
resistance (ESR). This parameter is determined by capaci-
tor volume within any given family, so to get ESR down,
one must still use a “bigger” capacitor. The problem is that
often the main inductor/capacitor becomes physically too
large if low output ripple is needed. Inverters, such as the
positive to negative converter, tend to have much higher
output ripple voltage because the main inductor is not a
filter element – it simply acts as an energy storage device
for shuttling essentially square wave currents from input
to output. Unlike the buck converter, these currents can be
much higher in amplitude than the output current.
An output filter of very modest size can reduce normal
mode output ripple voltage by a factor of ten or more. The
formula for filter attenuation in buck converters and invert-
ers is shown below.
Attenuation
ESR
8L f
= ()( ) (BUCKCONVERTER)
(INVERTER)
(The factor “4” is an
approximation
assuming worst case
duty cycle of 50%)
A 10
µH, 100µF (ESR = 0.4Ω) filter on a buck converter
using a 60kHz LT1271 will give an attenuation of:
Attenuation
ESR
4L f
= ()
()( )
0.4
8 10E
60E
0.083
–6
3
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com