Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1432CS8 Datasheet(PDF) 15 Page - Linear Technology

Part # LT1432CS8
Description  5V High Efficiency Step-Down Switching Regulator Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1432CS8 Datasheet(HTML) 15 Page - Linear Technology

Back Button LT1432CS8 Datasheet HTML 11Page - Linear Technology LT1432CS8 Datasheet HTML 12Page - Linear Technology LT1432CS8 Datasheet HTML 13Page - Linear Technology LT1432CS8 Datasheet HTML 14Page - Linear Technology LT1432CS8 Datasheet HTML 15Page - Linear Technology LT1432CS8 Datasheet HTML 16Page - Linear Technology LT1432CS8 Datasheet HTML 17Page - Linear Technology LT1432CS8 Datasheet HTML 18Page - Linear Technology LT1432CS8 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
15
LT1432
Current limit at VOUT = 5V
Current limit (output shorted)
Minimum Input Voltage
Minimum input voltage for a buck converter using the
LT1432 is actually limited by the IC switcher used with it.
There are three factors which contribute to the minimum
voltage. At very light loads, the charge pump technique
used to provide the floating power for the switcher chip is
unable to provide sufficient current. See Figure 16 for the
minimum load required as a function of input voltage
when operating in the normal mode.
At moderate to heavy loads, switch on-resistance and
maximum duty cycle will limit minimum input voltage.
Graphs in the Typical Performance Characteristics section
show minimum input voltage as a function of load current.
At moderate loads, maximum switch duty cycle is the
limiting factor. The LT1070 family, operating at 40kHz has
a maximum duty cycle of about 94%. The LT1170 family
runs at 100kHz and has a maximum duty cycle of 90%. The
LT1270 and LT1271 operate at 60kHz with a maximum
duty cycle of 92%. The curves were generated using the
expected worst case duty cycle for these devices over the
commercial operating temperature range (0
°C to 100°C
junction temperature). Note that the lower frequency
devices will operate at lower input voltage because of their
higher duty cycle. These devices will require larger induc-
tors, however. (Yet another example of the universal “no
free lunch” syndrome).
S
APPLICATI
I FOR ATIO
voltage. This extra sense voltage is set by output voltage
and R4 under normal loads, but drops to near zero when
the output is shorted.
The 40
µA bias current flowing out of the VLIM pin must be
accounted for when calculating a value for R4. This current
flows through R3, causing a 4mV
decrease in sense
voltage for R3 = 100
Ω. The following formulas define
current limit conditions:
Current limit at VOUT = 5V
VS = Desired full load sense voltage.
IMAX = Peak load current (for any time greater than
50
µs)
IB = VLIM pin bias current (≈40mA)
To maintain high efficiency and avoid any startup prob-
lems with loads that have non-linear V/I characteristics, a
100mV (average) sense voltage is suggested for foldback
current limiting. The suggested value for R3 is 100
Ω. This
is a compromise value to keep errors due to VLIM bias
current low, and to minimize current drain on the output
created by the R3/R4 path. From the previous design
example, with IMAX = 2A and IRIP/2 = 0.55A, and assuming
R3 = 100
Ω, VLIM = 100mV:
=
60mV – I R3 + V
R3
R4
R
I
2
R
Short Circuit Current =
60mV – I (R3)
R
R
=
V
I
(1.2)
R4 =
VR3
V – 60mV + I R3 + R
I
2
B
OUT
SENSE
RIP
SENSE
B
SENSE
SENSE
LIM
MAX
OUT
S
B
SENSE
RIP
() ( )

 ()


()
() (
)


–
=
()
=
60mV – 100
40 A
0.042
1.33A
Ω
Ω
µ
R
=
100mV
2A 1.2
0.042
SENSE
()
=Ω
R4 =
5V 100
100mV – 60mV + 100
40 A – 0.042 0.55
7.45k
Ω
Ω
Ω
()
()
( )
=
µ
=
()+ 

 ()(
)
=
60mV – 40 A 100
5V
100
7.45k
0.042 0.55
0.042
2.38A
µΩ
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com